Electronic Components Datasheet Search
  English  ▼

X  

TLE7276 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7276
Description  Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7276 Datasheet HTML 6Page - Infineon Technologies AG TLE7276 Datasheet HTML 7Page - Infineon Technologies AG TLE7276 Datasheet HTML 8Page - Infineon Technologies AG TLE7276 Datasheet HTML 9Page - Infineon Technologies AG TLE7276 Datasheet HTML 10Page - Infineon Technologies AG TLE7276 Datasheet HTML 11Page - Infineon Technologies AG TLE7276 Datasheet HTML 12Page - Infineon Technologies AG TLE7276 Datasheet HTML 13Page - Infineon Technologies AG TLE7276 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet
10
Rev. 1.11, 2010-11-22
TLE 7276
Typical Performance Characteristics
Current Consumption Iq versus
Junction Temperature Tj
1_Iq-Tj.vsd
10
1
0.01
100
I
q [µA]
-40
T
j [°C]
-20
20 40
80 100
060
140
120
V
I = 13.5V
I
Q = 100 µA
Current Consumption Iq versus Output
Current IQ
040
60
2_IQ-IQ.VSD
15
10
5
20
20
100
T
j = -40 °C
30
T
j = 25 °C
I
Q [mA]
I
q [µA]
V
I = 13.5 V
Current Consumption Iq versus Input
Voltage VI
0
V
I [V]
20
30
I
q [µA]
3_IQ-VI.VSD
30
20
10
40
10
40
I
Q = 0.2mA
I
Q = 10mA
I
Q = 50mA
Tj = 25°C
Output Voltage VQ versus Junction
Temperature Tj
-40
T
j [°C]
-20
20 40
80 100
V
Q [V]
5A_VQ-TJ.VSD
5.00
4.95
4.90
5.05
060
140
120
V
I = 13.5 V
I
Q =100µA...100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com