Electronic Components Datasheet Search
  English  ▼

X  

TLE7276 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE7276
Description  Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE7276 Datasheet HTML 11Page - Infineon Technologies AG TLE7276 Datasheet HTML 12Page - Infineon Technologies AG TLE7276 Datasheet HTML 13Page - Infineon Technologies AG TLE7276 Datasheet HTML 14Page - Infineon Technologies AG TLE7276 Datasheet HTML 15Page - Infineon Technologies AG TLE7276 Datasheet HTML 16Page - Infineon Technologies AG TLE7276 Datasheet HTML 17Page - Infineon Technologies AG TLE7276 Datasheet HTML 18Page - Infineon Technologies AG TLE7276 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
15
Rev. 1.11, 2010-11-22
TLE 7276
Line Transient Response Peak Voltage
dVQ
21_Line Trancient vs time 125.vsd
dV
I 2V
T=400µs/DIV
VQ=50mV/DIV
VQ
Tj=125°C
Vi=13.5V
Inhibit Input Current IINH versus Inhibit
Input Voltage VINH
I
INH
[µA]
24_IINH vs VINH.vsd
30
20
10
40
Tj = 25°C
10
V
INH [V]
30
40
20
50
Tj = -40°C
Tj = 150°C
Inhibit Input Current IINH versus Input
Voltage VI, INH=Off
I
INH
[µA]
25_IINH vs VIN INH_off.vsd
0.6
0.4
0.2
0.8
Tj = 25°C
10
V
IN [V]
30
40
20
1.0
Tj = -40°C
Tj = 150°C
INH = OFF
Thermal Resistance Junction-Ambient
RTHJA versus Power Dissipation PV
P
V [W]
69
R
TH-JA
[K/W]
32_RTH VS PV TO252.VSD
60
55
50
65
312
A = 300mm2
Cooling Area single sided PCB
75
TO252-3
TO252-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com