Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 6Page - ATMEL Corporation AT89LP51 Datasheet HTML 7Page - ATMEL Corporation AT89LP51 Datasheet HTML 8Page - ATMEL Corporation AT89LP51 Datasheet HTML 9Page - ATMEL Corporation AT89LP51 Datasheet HTML 10Page - ATMEL Corporation AT89LP51 Datasheet HTML 11Page - ATMEL Corporation AT89LP51 Datasheet HTML 12Page - ATMEL Corporation AT89LP51 Datasheet HTML 13Page - ATMEL Corporation AT89LP51 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 113 page
background image
10
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
3.
Memory Organization
The AT89LP51/52 uses a Harvard Architecture with separate address spaces for program and
data memory. The program memory has a regular linear address space with support for 64K
bytes of directly addressable application code. The data memory has 256 bytes of internal RAM
and 128 bytes of Special Function Register I/O space. The AT89LP51/52 supports up to 64K
bytes of external data memory, with portions of the external data memory space implemented on
chip as nonvolatile Flash data memory. External program memory is supported for addresses
above 8K. The memory address spaces of the AT89LP51/52 are listed in Table 3-1.
3.1
Program Memory
The AT89LP51/52 contains 4K/8K bytes of on-chip In-System Programmable Flash memory for
program storage, plus support for up to 60K/56K bytes of external program memory. The Flash
memory has an endurance of at least 10,000 write/erase cycles and a minimum data retention
time of 10 years. The reset and interrupt vectors are located within the first 83 bytes of program
memory (refer to Table 9-1 on page 37). Constant tables can be allocated within the entire 64K
program memory address space for access by the MOVC instruction. A map of the
AT89LP51/52 program memory is shown in Figure 3-1.
Figure 3-1.
Program Memory Map
Table 3-1.
AT89LP51/52 Memory Address Spaces
Name
Description
Range
DATA
Directly addressable internal RAM
00H–7FH
IDATA
Indirectly addressable internal RAM and stack space
00H–FFH
SFR
Directly addressable I/O register space
80H–FFH
FDATA
On-chip nonvolatile Flash data memory
0000H–00FFH
XDATA
External data memory
0100H–FFFFH
CODE
On-chip nonvolatile Flash program memory
0000H–0FFFH (AT89LP51)
0000H–1FFFH (AT89LP52)
XCODE
External program memory
2000H–FFFFH (AT89LP51)
1000H–FFFFH (AT89LP52)
SIG
On-chip nonvolatile Flash signature array
0000H–01FFH
0000
FFFF
0000
007F
User Signature Array
0100
01FF
Atmel Signature Array
SIGEN=0
SIGEN=1
AT89LP52
2000
1FFF
External Program
Memory
(XCODE: 56KB)
Internal Program
Memory
(CODE: 8KB)
0000
FFFF
0000
007F
User Signature Array
0100
01FF
Atmel Signature Array
AT89LP51
1000
0FFF
External Program
Memory
(XCODE: 60KB)
Internal Program
Memory
(CODE: 4KB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com