Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 38Page - ATMEL Corporation AT89LP51 Datasheet HTML 39Page - ATMEL Corporation AT89LP51 Datasheet HTML 40Page - ATMEL Corporation AT89LP51 Datasheet HTML 41Page - ATMEL Corporation AT89LP51 Datasheet HTML 42Page - ATMEL Corporation AT89LP51 Datasheet HTML 43Page - ATMEL Corporation AT89LP51 Datasheet HTML 44Page - ATMEL Corporation AT89LP51 Datasheet HTML 45Page - ATMEL Corporation AT89LP51 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 113 page
background image
42
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
Figure 10-1. Quasi-bidirectional Output
Figure 10-2. Input Only
Figure 10-3. Input Circuit for P3.2, P3.3, P4.6 and P4.7
10.1.3
Open-drain Output
The open-drain output configuration turns off all pull-ups and only drives the pull-down transistor
of the port pin when the port latch contains a logic “0”. To be used as a logic output, a port con-
figured in this manner must have an external pull-up, typically a resistor tied to V
DD. The pull-
down for this mode is the same as for the quasi-bidirectional mode. The open-drain port configu-
ration is shown in Figure 10-4. The input circuitry of P3.2, P3.3, P4.6 and P4.7 is not disabled
during Power-down (see Figure 10-3) and therefore these pins should not be left floating during
Power-down when configured in this mode.
Figure 10-4. Open-Drain Output
1 Clock Delay
(D Flip-Flop)
Strong
Very
Weak
Weak
Port
Pin
VCC
VCC
VCC
From Port
Register
Input
Data
PWD
Port
Pin
Input
Data
PWD
Port
Pin
Input
Data
Port
Pin
From Port
Register
Input
Data
PWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com