Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51 Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 97Page - ATMEL Corporation AT89LP51 Datasheet HTML 98Page - ATMEL Corporation AT89LP51 Datasheet HTML 99Page - ATMEL Corporation AT89LP51 Datasheet HTML 100Page - ATMEL Corporation AT89LP51 Datasheet HTML 101Page - ATMEL Corporation AT89LP51 Datasheet HTML 102Page - ATMEL Corporation AT89LP51 Datasheet HTML 103Page - ATMEL Corporation AT89LP51 Datasheet HTML 104Page - ATMEL Corporation AT89LP51 Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 113 page
background image
101
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
18.8.2
Float Waveform
(1)
Note:
1. For timing purposes, a port pin is no longer floating when a 100 mV change from load voltage occurs. A port pin begins to
float when 100 mV change from the loaded VOH/VOL level occurs.
18.8.3
I
CC Test Condition, Active Mode, All Other Pins are Disconnected
18.8.4
I
CC Test Condition, Idle Mode, All Other Pins are Disconnected
18.8.5
Clock Signal Waveform for I
CC Tests in Active and Idle Modes, tCLCH = tCHCL = 5 ns
XTAL2
RST
VDD
VDD
ICC
XTAL1
GND
(NC)
CLOCK SIGNAL
VDD
POL
GND
XTAL2
RST
VDD
VDD
ICC
XTAL1
GND
(NC)
CLOCK SIGNAL
VDD
GND
POL
V
CC
- 0.5V
0.45V
0.2 V
CC
- 0.1V
0.7 V
CC
t
CHCX
t
CHCX
t
CLCH
t
CHCL
t
CLCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com