Electronic Components Datasheet Search
  English  ▼

X  

ATR4253 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATR4253
Description  Highly Integrated - All-in-one Active Antenna IC Integrated AGC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4253 Datasheet(HTML) 7 Page - ATMEL Corporation

  ATR4253 Datasheet HTML 1Page - ATMEL Corporation ATR4253 Datasheet HTML 2Page - ATMEL Corporation ATR4253 Datasheet HTML 3Page - ATMEL Corporation ATR4253 Datasheet HTML 4Page - ATMEL Corporation ATR4253 Datasheet HTML 5Page - ATMEL Corporation ATR4253 Datasheet HTML 6Page - ATMEL Corporation ATR4253 Datasheet HTML 7Page - ATMEL Corporation ATR4253 Datasheet HTML 8Page - ATMEL Corporation ATR4253 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
9194CS–AUDR–10/10
Atmel ATR4253
9.
Package Information
8.
Ordering Information
Extended Type Number
Package
Remarks
ATR4253-PVPW
VQFN 3x3 / 16L
Taped on reel, 2k volume
ATR4253-PVQW
VQFN 3x3 / 16L
Taped on reel, 8k volume
TITLE
DRAWING NO.
REV.
Package Drawing Contact:
packagedrawings@atmel.com
6.543-5164.01-4
COMMON DIMENSIONS
(Unit of Measure = mm)
MIN
NOM
NOTE
MAX
Symbol
1
Exposed pad 1.75 x 1.75
Package: VQFN_3x3_16L
11/11/09
specifications
according to DIN
technical drawings
Top View
D
1
16
PIN 1 ID
0.02
0.05
0.0
A1
33.1
2.9
E
0.25
0.32
0.18
b
0.5 BSC
e
0.4
0.5
0.3
L
1.75
1.8
1.7
E2
1.75
1.8
1.7
D2
33.1
2.9
D
0.2
0.25
0.15
A3
0.9
1
0.8
A
Side View
Bottom View
D2
L
9
4
3
2
1
10
11
12
567 8
16 15 14 13



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com