Electronic Components Datasheet Search
  English  ▼

X  

ATR4253 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR4253
Description  Highly Integrated - All-in-one Active Antenna IC Integrated AGC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4253 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR4253 Datasheet HTML 1Page - ATMEL Corporation ATR4253 Datasheet HTML 2Page - ATMEL Corporation ATR4253 Datasheet HTML 3Page - ATMEL Corporation ATR4253 Datasheet HTML 4Page - ATMEL Corporation ATR4253 Datasheet HTML 5Page - ATMEL Corporation ATR4253 Datasheet HTML 6Page - ATMEL Corporation ATR4253 Datasheet HTML 7Page - ATMEL Corporation ATR4253 Datasheet HTML 8Page - ATMEL Corporation ATR4253 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NOTE: This is a summary document.
The complete document is available
under NDA. For more information,
please contact your local Atmel sales
office.
Features
• Highly Integrated - All-in-one Active Antenna IC
• Operating Frequency Range: 50 to 900MHz
– Main Application 76 to 108MHz (Broadcast FM Worldwide)
• Integrated AGC
• Integrated Driver for PIN Diodes
• Integrated Power Supply Regulator
• Integrated Antenna Sensor
• High Dynamic Range
• Excellent Noise Performance
• High Intercept Point 3rd Order
• RF Amplifier Adjustable to Various Cable Impedances
• Low Noise Output Voltage
• Low Power Consumption
1.
Description
The Atmel
® ATR4253 is a highly integrated high-performance IC for active antenna
amplification. The device has a built-in AGC, antenna detection, a power supply regu-
lator and two driver stages for external PIN diodes.
The Atmel ATR4253 is based on BICMOS technology. The device is designed in par-
ticular for car applications and is suitable for active antennas located in several
positions within the car such as bumpers, windscreen, mirrors or windows.
Figure 1-1.
Block Diagram
12
3
4
OVDET VREGO
VSTART
ANTENNA
SENSE
13
14
15
16
PD1
BIAS
GND2
REF
8
7
6
5
DET
GND1
VS
TC
12
11
10
RFC
PD2
RFE
RFB
9
FM
Amplifier
Voltage
Supply
AGC
(FM)
Over
Voltage
Antenna
Detection
Integrated
Circuit Solution
for Active
Antennas
Atmel ATR4253
Summary
9194CS–AUDR–10/10


Similar Part No. - ATR4253

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251 Datasheet
374Kb / 21P
Low-noise, High-dynamicrange AM/FM Antenna Amplifier IC
ATR4251 ATMEL-ATR4251 Datasheet
433Kb / 21P
Low-noise, High-dynamic-range Antenna Amplifier IC
ATR4251-PFPY ATMEL-ATR4251-PFPY Datasheet
433Kb / 21P
Low-noise, High-dynamic-range Antenna Amplifier IC
ATR4251-PFQY ATMEL-ATR4251-PFQY Datasheet
374Kb / 21P
Low-noise, High-dynamicrange AM/FM Antenna Amplifier IC
ATR4251-PFQY ATMEL-ATR4251-PFQY Datasheet
433Kb / 21P
Low-noise, High-dynamic-range Antenna Amplifier IC
More results

Similar Description - ATR4253

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3762MB TEMIC-U3762MB Datasheet
240Kb / 23P
Universal Telephone IC - All Functions Integrated
logo
NXP Semiconductors
MFRC500 PHILIPS-MFRC500 Datasheet
128Kb / 12P
Highly Integrated ISO 14443A Reader IC
January 2002
logo
ATMEL Corporation
ATR4252 ATMEL-ATR4252 Datasheet
368Kb / 10P
All-in-One IC Solution for Active Antennas
logo
ON Semiconductor
NCP1565 ONSEMI-NCP1565 Datasheet
113Kb / 2P
PWM Controller, Highly Integrated Dual-Mode Active Clamp
9/17/2014
NCP1565 ONSEMI-NCP1565_16 Datasheet
994Kb / 31P
Highly Integrated Dual-Mode Active Clamp PWM Controller
January, 2016 ??Rev. 4
logo
Dialog Semiconductor
DA6021 DIALOG-DA6021 Datasheet
361Kb / 2P
DA6021 Highly integrated power management IC for new
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
Highly Integrated Solution
Rev 0; 1/19
logo
ON Semiconductor
NCP1566 ONSEMI-NCP1566 Datasheet
2Mb / 38P
Highly Integrated Dual-Mode Active Clamp PWM Controller
July, 2019 ??Rev. 4
logo
Diodes Incorporated
AP3306 DIODES-AP3306 Datasheet
1Mb / 13P
HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
Rev. 6 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com