Electronic Components Datasheet Search
  English  ▼

X  

ATR4253 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR4253
Description  Highly Integrated - All-in-one Active Antenna IC Integrated AGC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4253 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR4253 Datasheet HTML 1Page - ATMEL Corporation ATR4253 Datasheet HTML 2Page - ATMEL Corporation ATR4253 Datasheet HTML 3Page - ATMEL Corporation ATR4253 Datasheet HTML 4Page - ATMEL Corporation ATR4253 Datasheet HTML 5Page - ATMEL Corporation ATR4253 Datasheet HTML 6Page - ATMEL Corporation ATR4253 Datasheet HTML 7Page - ATMEL Corporation ATR4253 Datasheet HTML 8Page - ATMEL Corporation ATR4253 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
9194CS–AUDR–10/10
Atmel ATR4253
4.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Pin
Symbol
Min.
Max.
Unit
Supply voltage
6
V
S
–0.3
+12
V
Antenna sense current
1
ANT SENSE
–500
+500
µA
Comparator input current
2
VSTART
0
2
mA
Overvoltage detector
3
OVDET
–0.3
+3.3
V
Collector of FM amplifier
9
RFC
3
16
V
Power dissipation
P
tot
700
mW
Junction temperature
T
j
150
°C
Ambient temperature
T
amb
–40
+115
°C
Storage temperature
T
stg
–50
+150
°C
ESD HBM
All
V
HBM
–2
+2
kV
5.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient, soldered on PCB, dependent on PCB layout
R
thJA
40
K/W
6.
Operating Range
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Normal operation
6
VS
7.5
10
11
V
Supply voltage
Performance may be reduced, no
malfunction
6VS
711
V
FM emitter current
Thermal condition
11
I
RFE
35
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com