Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021D-SS Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT45DB021D-SS
Description  32-bit Microcontrollers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-SS Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT45DB021D-SS Datasheet HTML 4Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 5Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 6Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 7Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 8Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 9Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 10Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 11Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
AVR32918
32159A-AVR-01/11
6 Miscellaneous I/O
6.1 Mechanical button
The board is equipped with one mechanical button. Because the button is used to
enter bootloader mode it has a pull-up mounted, this means it is not necessary to use
the pull-up in the UC3 to detect the status of the button.
6.2 LEDs
The Atmel UC3-A3 XPLAINED has four yellow LEDs which are connected to the
Atmel AT32UC3A3256 and all of them are active low.
One dual LED is mounted near the USB connector. It has one green LED which is
used to indicate power and one red LED that can be used for other purposes. The
green LED will be active when power is applied to the board but it can be disabled by
software from the AT32UC3A3256 device if needed. The red LED is active low and
the green LED is active high.
6.3 Analog I/O
A RC filter and a NTC temperature sensor are connected to ADC0 and ADC1
respectively. These analog sensors are used as input to the ADC but it is also
possible to disconnect them by cutting the cut-straps on the bottom side of the board.
The RC filter (1. order low-pass) has an approximate 3dB cut-off frequency of 159Hz.
The input to the RC filter is one of the UC3 GPIO pins that can be configured to
output a PWM signal to the RC filter. This can be used to generate a DC voltage on
the output of the RC filter which can be measured on the ADC. As this is a 1. order
filter, the ripple on the DC voltage is proportional to the input frequency. A higher
input frequency will give lower ripple on the output.
6.4 Touch
The UC3-A3 XPLAINED kit has one QTouch button and one QTouch slider; both are
connected to GPIO pins on the AT32UC3A3256.
Table 6-1. UC3 touch connections.
Touch sensor
onboard reference
QTouch method pin name
UC3 GPIO pin
CH1
SNSK1
98
CH1
SNS1
99
CH2
SNSK2
100
CH2
SNS2
101
CH3
SNSK3
102
CH3
SNS3
103
CH4
SNSK4
104
CH4
SNS4
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com