Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021D-SS Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT45DB021D-SS
Description  32-bit Microcontrollers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-SS Datasheet(HTML) 4 Page - ATMEL Corporation

  AT45DB021D-SS Datasheet HTML 1Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 2Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 3Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 4Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 5Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 6Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 7Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 8Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
AVR32918
32159A-AVR-01/11
connection between the common power plane VCC_P3V3 and the VCC_MCU_P3V3
power plane. By replacing the jumper with an amperemeter it is possible to determine
the current consumption of the Atmel AT32UC3A3256. To locate the power
measurement header, please refer to Figure 3-1.
WARNING
Do not power the board without having the jumper or an amperemeter
mounted. Otherwise, the device may be damaged.
3.4 Programming the kit
The kit can be programmed either from an external programming tool or through a
USB bootloader which is pre-programmed on the device.
The bootloader is evoked by pushing the push button (SW0) during power-on. I.e.
push button and then connect an USB cable to the kit. Programming can be
performed through the DFU target (bootloader programmer target) in the Atmel
AVR32 Studio.
How a programmer can be connected to the kit is described in Chapter 4.1.
4 Connectors
The Atmel UC3-A3 XPLAINED kit has five 10-pin, 100mil headers. Two headers have
a fixed communication interface (J1 and J4). One header has analog functionality
(J2), and the last header (J3) has general purpose digital I/O.
The 90° angled header is the JTAG programming and debugging header for the
AT32UC3A3256.
For the location of the respective headers, refer to Figure 3-1.
4.1 Programming header
The AT32UC3A3256 can be programmed and debugged by connecting an external
programming/debugging tool to the JTAG header. The header has a standard JTAG
programmer pinout (refer to online help in AVR32 Studio), and tools such as
JTAGICE mkII or AVR ONE! can thus be connected directly to the header.
NOTE
The grey female 10-pin header on JTAGICE mkII has to be used when connecting to
the kit. A scoring in the board is made to fit the orientation tab on the header.
NOTE
A standoff adapter (no. 1) is needed when using AVR ONE!.
NOTE
Pin 1 on the JTAG header is at the top right corner and is marked with a square pad.
Table 4-1. UC3 programming and debugging interface – JTAG.
Pin
JTAG
(1)
1
TCK
2
GND
3
TDO
4
VCC
5
TMS
6
nSRST
7
-
8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com