Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021D-SS Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT45DB021D-SS
Description  32-bit Microcontrollers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-SS Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT45DB021D-SS Datasheet HTML 2Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 3Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 4Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 5Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 6Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 7Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 8Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 9Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
AVR32918
32159A-AVR-01/11
Table 4-4. UC3 I/O expansion header – J3.
Pin
J3
UC3 pin
Shared with onboard functionality
1
GPIO0
PA31
-
2
GPIO1
PA30
-
3
GPIO2
PA29
-
4
GPIO3
PA28
-
5
GPIO4
PA27
-
6
GPIO5
PB00
-
7
GPIO6
PB04
-
8
GPIO7
PX19
-
9
GND
-
-
10
VCC_P5V0
(1)
-
-
Note:
1. The VCC pin on this header has 5V and is connected to the USB power.
Table 4-5. UC3 I/O expansion header – J4.
Pin
J4
UC3 pin
Shared with onboard functionality
1
TWI1 SDA
PA15
USART1 CTS
2
TWI1 SCL
PA14
USART1 RTS
3
USART1 RXD
PA05
-
4
USART1 TXD
PA06
-
5
SPI0 CS3
PA07
-
6
SPI0 MOSI
PA10
Serial flash/DataFlash
7
SPI0 MISO
PA11
Serial flash/DataFlash
8
SPI0 SCK
PA08
Serial flash/DataFlash
9
GND
-
-
10
VCC_P3V3
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com