Electronic Components Datasheet Search
  English  ▼

X  

LA1267 Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # LA1267
Description  FM/AM Tuner of Electronic Tuning Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1267 Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button LA1267 Datasheet HTML 6Page - Sanyo Semicon Device LA1267 Datasheet HTML 7Page - Sanyo Semicon Device LA1267 Datasheet HTML 8Page - Sanyo Semicon Device LA1267 Datasheet HTML 9Page - Sanyo Semicon Device LA1267 Datasheet HTML 10Page - Sanyo Semicon Device LA1267 Datasheet HTML 11Page - Sanyo Semicon Device LA1267 Datasheet HTML 12Page - Sanyo Semicon Device LA1267 Datasheet HTML 13Page - Sanyo Semicon Device LA1267 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LA1267
No.2012-14/14
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of November, 1997. Specifications and information herein are subject
to change without notice.
LA1186N+LA1267 Overall Characteristics
Input – dBµ
Detection output (75k dev)
Signal meter
Noise voltage
AM
output
(1kHz-30%)
LA1186N+LA1267 Overall Characteristics
Input – dB/m
Detection
output
(30%)
Signal meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com