Electronic Components Datasheet Search
  English  ▼

X  

LA1267 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA1267
Description  FM/AM Tuner of Electronic Tuning Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1267 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA1267 Datasheet HTML 1Page - Sanyo Semicon Device LA1267 Datasheet HTML 2Page - Sanyo Semicon Device LA1267 Datasheet HTML 3Page - Sanyo Semicon Device LA1267 Datasheet HTML 4Page - Sanyo Semicon Device LA1267 Datasheet HTML 5Page - Sanyo Semicon Device LA1267 Datasheet HTML 6Page - Sanyo Semicon Device LA1267 Datasheet HTML 7Page - Sanyo Semicon Device LA1267 Datasheet HTML 8Page - Sanyo Semicon Device LA1267 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LA1267
No.2012-5/14
–
Parameter Frequency
–
Admittance
Unit
IF
γi1
10.7MHz
ri
330
Ω
ci
20
pF
FM
–
Parameter Frequency
–
RF
γi21
1MHz
ri
ro
ci
Admittance
Unit
k
Ω
pF
AGC-off (V16=1.4V)
AGC-on (V16=2.5V)
15
16
4
4
MIX
γo19
500kHz
co
k
Ω
pF
–
–
3
3
ri
IF
γi17
500kHz
co
k
Ω
pF
2
2
10
8
AM
6. If the coupling coefficient of the local OSC coil is small and an antiresonance point of approximately 100MHz is
present or the stray capacitance across pins 24 and 23 is large, a parasitic oscillation of approximately 100MHz may
occur in the buffer output (pin 24). In this case, connect a capacitance of approximately 30pF across pin 24 and GND.
7. AM OSC coil
Generally speaking, the following should be noted. Avoid winding with loose coupling between primary side and
secondary side (especially SW1, SW2). To put it concretely, the pot core type is better than the screw core type which
is loose in coupling. This prevents the local OSC frequency from turning third resonance frequency related to the
coupling coefficient.
8. Resistance across pin 8 and VDD.
If pin 8 is used for the stop signal (SD) only, without using LED, it is recommended to fix resistance RL across pin 8
and GND to be 51k
Ω to 100kΩ.
9. To prevent whistle from worsening, make the pattern of AM output pin 14 as short as possible.
Input/Output Admittance
Test Circuit : FM, AM-MW
T1 : 4147-1457-177 (Sumida)
T2 : HW-40174 (Mitsumi)
T3 : HW-40130, 40131 (Mitsumi)
Unit (resistance :
Ω, capacitance : F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com