Electronic Components Datasheet Search
  English  ▼

X  

LA1267 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA1267
Description  FM/AM Tuner of Electronic Tuning Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1267 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA1267 Datasheet HTML 3Page - Sanyo Semicon Device LA1267 Datasheet HTML 4Page - Sanyo Semicon Device LA1267 Datasheet HTML 5Page - Sanyo Semicon Device LA1267 Datasheet HTML 6Page - Sanyo Semicon Device LA1267 Datasheet HTML 7Page - Sanyo Semicon Device LA1267 Datasheet HTML 8Page - Sanyo Semicon Device LA1267 Datasheet HTML 9Page - Sanyo Semicon Device LA1267 Datasheet HTML 10Page - Sanyo Semicon Device LA1267 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LA1267
No.2012-7/14
Receiving frequency, fr – kHz
MW Reception Characteristic
Tracking adjust at each frequency
IF interference
Frequency deviation,
∆f – Hz
MW Detuning Characteristic
Supply voltage, VCC – V
IF input voltage – dBµ
Receiving frequency, fr – kHz
Frequency deviation,
∆f – kHz
Selectivity Characteristic
Output 25mV const.
Frequency, f – Hz
Spurious Characteristic
Reception : 1kHz
(400Hz-30% mod.,
detection output 20mV)
Max. sensitivity
Usable sensitivity (400Hz-30% mod., S/N=20dB)
Image
interference
FM Current Drain Characteristic
Antenna input voltage – dBm
AM Current Drain Characteristic
ICC (including
no LED current)
(including no LED current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com