Electronic Components Datasheet Search
  English  ▼

X  

LA2000M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA2000M
Description  Audio Level Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2000M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA2000M Datasheet HTML 1Page - Sanyo Semicon Device LA2000M Datasheet HTML 2Page - Sanyo Semicon Device LA2000M Datasheet HTML 3Page - Sanyo Semicon Device LA2000M Datasheet HTML 4Page - Sanyo Semicon Device LA2000M Datasheet HTML 5Page - Sanyo Semicon Device LA2000M Datasheet HTML 6Page - Sanyo Semicon Device LA2000M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Operating supply voltage
VCC op
3.5 to 14
V
Operating Characteristics at Ta = 25°C, VCC =9.0 V,f=1kHz
Parameter
Symbol
Conditions
min
typ
max
Unit
Circuit current
ICC
f = 1 kHz, VIN = −45 dBm
6
12
mA
Output transistor saturating
voltage
VCE (sat)
I6 = 50 mA
0.5
1.8
V
Output diode forward voltage
VF
IF = 50 mA
0.7
1.5
V
Output-off level in input
equivalent
VIN
f = 1 kHz
−43
−50
−54
dBm
Comparator-on level
VTH-H
3.0
3.5
4.0
V
Comparator-off level
VTH-L
1.8
2.2
2.6
V
Pin 7 high level
V7 pin
0.45
0.55
V
Output transistor leakage
current
IL-TR
100
µA
Output diode leakage current
IL-Di
100
µA
Equivalent Circuit Block Diagram
Ambient temperature, Ta − °C
LA2000M
No.4158-2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com