Electronic Components Datasheet Search
  English  ▼

X  

LA2000M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA2000M
Description  Audio Level Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2000M Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA2000M Datasheet HTML 1Page - Sanyo Semicon Device LA2000M Datasheet HTML 2Page - Sanyo Semicon Device LA2000M Datasheet HTML 3Page - Sanyo Semicon Device LA2000M Datasheet HTML 4Page - Sanyo Semicon Device LA2000M Datasheet HTML 5Page - Sanyo Semicon Device LA2000M Datasheet HTML 6Page - Sanyo Semicon Device LA2000M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Sample Application Circuit 2
1.
Externally connected components
C1
Input coupling capacitor
0.47 to 2.2 µF recommended.
C2
NF capacitor
Capacitance is reduced, so the off level in input equivalent becomes lower in the bass
frequency range. We recommend 1 to 10 µF.
C3, R1
For designation of time delays
Any time delay can be obtained by adequate choice of C3 and R1. We recommend
150 k
Ω to 500 kΩ for R1.
C4, R3
Power supply ripple filter
R2
Bias resistor
For diode when pin 7 is used to drive external transistors. A 1 k
Ω resistor is
recommended.
Use a mechanism for the plunger off while
functioning for program selection
Unit (resistance:
Ω, capacitance: F)
LA2000M
No.4158-4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com