Electronic Components Datasheet Search
  English  ▼

X  

LA2000M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA2000M
Description  Audio Level Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2000M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA2000M Datasheet HTML 1Page - Sanyo Semicon Device LA2000M Datasheet HTML 2Page - Sanyo Semicon Device LA2000M Datasheet HTML 3Page - Sanyo Semicon Device LA2000M Datasheet HTML 4Page - Sanyo Semicon Device LA2000M Datasheet HTML 5Page - Sanyo Semicon Device LA2000M Datasheet HTML 6Page - Sanyo Semicon Device LA2000M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Test Circuit
Test Conditions
Test items
Symbol
SW-1
SW-2
SW-3
SW-4
Conditions
Circuit current
ICC
1113
Measure current flowing into pin 8 at
VIN = −45 dB
Output transistor saturation voltage
VCE (sat)
2223
Measure VIN at pin 5
Output diode forward voltage
VF
2421
Measure VIN at pin 5
Output-off level in input equivalent
VIN
1113
Input level (v.v) when pin 5 turns
over
Comparator-on level
VH
2313
Measure V3 when pin 5 turns over
Comparator-off level
VL
2313
Measure V3 when pin 5 turns over
Pin 7 high level
Vp-7
2413
Measure V2 at pin 7
Output transistor leakage current
ITL
2433
Measure M3
Output diode leakage current
IDL
2442
Measure M2
Sample Application Circuit 1
Unit (resistance:
Ω, capacitance: F)
Mechanism-coupled switch
(OFF at play mode)
Plunger
Unit (resistance:
Ω, capacitance: F)
LA2000M
No.4158-3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com