Electronic Components Datasheet Search
  English  ▼

X  

MA700 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MA700
Description  SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MA700 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MA700 Datasheet HTML 1Page - EIC discrete Semiconductors MA700 Datasheet HTML 2Page - EIC discrete Semiconductors MA700 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES ( MA700 - MA700A )
FIG. 1 - FORWARD CURRENT VS.
FIG. 2 - FORWARD VOLTAGE VS.
FORWARD VOLTAGE
AMBIENT TEMPERATURE
FIG. 3 - TERMINALS CAPACITANCE VS.
FIG. 4 - TERMINALS CAPACITANCE VS.
REVERSE VOLTAGE : MA700
REVERSE VOLTAGE : MA700A
Page 2 of 3
Rev. 02 : December 3, 2008
FORWARD VOLTAGE , VF (V)
0
0.01
0.2
0.4
0.6
0.8
1.2
0.1
1
10
100
0.8
1.0
-40
0
40
80
120
160
REVERSE VOLTAGE , VR (V)
0
102030
2.0
1.6
1.2
0.8
0.4
0
Ta = 125
Ta = 25 °C
1.0
AMBIENT TEMPERATURE, Ta (°C)
1000
0.6
0.4
0.2
0
REVERSE VOLTAGE , VR (V)
010
20
30
0
5
15
25
5
15
25
f = 1 MHz
Ta = 25 °C
f = 1 MHz
Ta = 25 °C
2.4
2.0
1.6
1.2
0.8
0.4
2.4
IF = 30 mA
IF = 10 mA
IF = 3 mA
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com