Electronic Components Datasheet Search
  English  ▼

X  

MA700 Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # MA700
Description  SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MA700 Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  MA700 Datasheet HTML 1Page - EIC discrete Semiconductors MA700 Datasheet HTML 2Page - EIC discrete Semiconductors MA700 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING AND CHARACTERISTIC CURVES ( MA700 - MA700A )
FIG. 5 - REVERSE CURRENT VS.
FIG. 6 - REVERSE CURRENT VS.
REVERSE VOLTAGE : MA700
AMBIENT TEMPERATURE : MA700
FIG. 5 - REVERSE CURRENT VS.
FIG. 6 - REVERSE CURRENT VS.
REVERSE VOLTAGE : MA700A
AMBIENT TEMPERATURE : MA700A
Page 3 of 3
Rev. 02 : December 3, 2008
VR = 3 V
REVERSE VOLTAGE , VR (V)
0
1
510
15
20
30
10
100
1000
10000
0
40
80
120
160
200
25
1
10
100
1000
10000
AMBIENT TEMPERATURE, Ta (°C)
REVERSE VOLTAGE , VR (V)
0
1
510
15
20
30
10
100
1000
10000
0
40
80
120
160
200
25
1
10
100
1000
10000
AMBIENT TEMPERATURE, Ta (°C)
Ta = 125
Ta = 75 °C
Ta = 25 °C
VR = 15 V
VR = 3 V
VR = 1 V
Ta = 125
Ta = 75 °C
Ta = 25 °C
VR = 1 V
VR = 30 V
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com