Electronic Components Datasheet Search
  English  ▼

X  

MA700 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # MA700
Description  SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MA700 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  MA700 Datasheet HTML 1Page - EIC discrete Semiconductors MA700 Datasheet HTML 2Page - EIC discrete Semiconductors MA700 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MA700, MA700A
SCHOTTKY BARRIER DIODES
PRV : 15 - 30 V
Io : 30 mA
FEATURES :
* Low forward voltage VF
* Small temperature coefficent of forward characterisble
* Small reverse current IR
* High-densitty mounting ( 5mm pich insertion) is possible
* Pb / RoHS Free
MECHANICAL DATA :
Case:
DO-34 Glass Case
Weight:
approx. 0.11g
Maximum Ratings and Thermal Characteristics (Rating at 25 °C ambient temperature unless otherwise specified.)
Symbol
Unit
Reverse Voltage
VR
15
30
V
Maximum Peak Reverse Voltage
VRM
15
30
V
Forward Current
IF
30
mA
Peak Forward Current
IFM
150
mA
Junction Temperature
TJ
125
°C
Storage temperature range
TSTG
-55 to + 125
°C
Electrical Characteristics (Ta = 25 °C ± 3 °C )
Parameter
Symbol
Min
Typ
Max
Unit
MA700
VR = 15 V
-
-
100
nA
MA700A
VR = 30 V
-
-
150
nA
IF = 1 mA
-
-
0.4
mV
IF = 30 mA
-
-
1.0
mV
Terminal Capacitance
Ct
VR = 1 V, f = 1MHz
-
1.3
-
pF
IF = IR = 10 mA
Irr = 1mA, RL =100Ω
Page 1 of 3
Rev. 02 : December 3, 2008
Parameter
MA700
MA700A
Test Condition
Reverse Current
IR
Forward Voltage
VF
-ns
Reverse recovery time
Trr
-
1.0
DO - 34 Glass
Dimensions in inches and ( millimeters )
0.078 (2.0 )max.
0.118 (3.0)
max.
0.017 (0.43)max.
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - MA700

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA700 PANASONIC-MA700 Datasheet
80Kb / 3P
Silicon epitaxial planar type
logo
Galaxy Semi-Conductor H...
MA700 BILIN-MA700 Datasheet
48Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
SEMTECH ELECTRONICS LTD...
MA700 SEMTECH_ELEC-MA700 Datasheet
127Kb / 1P
SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
Shenzhen Luguang Electr...
MA700 LUGUANG-MA700 Datasheet
152Kb / 3P
Small Signal Schottky Diodes
logo
Jinan Jing Heng Electro...
MA700 JINGHENG-MA700 Datasheet
55Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - MA700

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com