Electronic Components Datasheet Search
  English  ▼

X  

LTC2460CMS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2460CMS
Description  Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2460CMS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2460CMS Datasheet HTML 5Page - Linear Technology LTC2460CMS Datasheet HTML 6Page - Linear Technology LTC2460CMS Datasheet HTML 7Page - Linear Technology LTC2460CMS Datasheet HTML 8Page - Linear Technology LTC2460CMS Datasheet HTML 9Page - Linear Technology LTC2460CMS Datasheet HTML 10Page - Linear Technology LTC2460CMS Datasheet HTML 11Page - Linear Technology LTC2460CMS Datasheet HTML 12Page - Linear Technology LTC2460CMS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2460/LTC2462
9
24602f
multiplexing multiple analog input voltages requires no
special actions.
The LTC2460/LTC2462 perform offset calibrations every
conversion. This calibration is transparent to the user
and has no effect upon the cyclic operation described
previously. The advantage of continuous calibration is
stability of the ADC performance with respect to time and
temperature.
The LTC2460/LTC2462 include a proprietary input sampling
scheme that reduces the average input current by several
orders of magnitude when compared to traditional delta-
sigma architectures. This allows external filter networks
to interface directly to the LTC2460/LTC2462. Since the
average input sampling current is 50nA, an external RC
lowpass filter using 1kΩ and 0.1μF results in <1LSB
additional error. Additionally, there is negligible leakage
current between IN+ and IN–.
Input Voltage Range (LTC2460)
Ignoring offset and full-scale errors, the LTC2460 will
theoretically output an “all zero” digital result when the
input is at ground (a zero scale input) and an “all one”
digital result when the input is at VREF (VREFOUT = 1.25V).
In an under-range condition, for all input voltages below
zero scale, the converter will generate the output code 0. In
an over-range condition, for all input voltages greater than
VREF, the converter will generate the output code 65535.
For applications that require an input range greater than
0V to 1.25V, please refer to the LTC2450.
Input Voltage Range (LTC2462)
As mentioned in the Output Data Format section, the output
code is given as 32768 • (VIN+ – VIN–)/VREF + 32768. For
(VIN+ – VIN–) ≥ VREF, the output code is clamped at 65535
(all ones). For (VIN+ – VIN–) ≤ –VREF, the output code is
clamped at 0 (all zeroes).
The LTC2462 includes a proprietary architecture that
can, typically, digitize each input up to 8 LSBs above VREF
and below GND, if the differential input is within ±VREF.
As an example (Figure 3), if the user desires to measure
a signal slightly below ground, the user could set VIN–
= GND, and VREF = 1.25V. If VIN+ = GND, the output code
would be approximately 32768. If VIN+ = GND – 8LSB =
–0.305mV, the output code would be approximately 32760.
For applications that require an input range greater than
±1.25V, please refer to the LTC2452.
Output Data Format
The LTC2460/LTC2462 generates a 16-bit direct binary
encoded result. It is provided as a 16-bit serial stream
through the SDO output pin under the control of the SCK
input pin (see Figure 4).
The LTC2462 (differential input) output code is given by
32768 • (VIN+ – VIN–)/VREF + 32768. The first bit output
by the LTC2462, D15, is the MSB, which is 1 for VIN+ ≥
VIN– and 0 for VIN+ < VIN–. This bit is followed by succes-
sively less significant bits (D14, D13, …) until the LSB is
output by the LTC2462, see Table 1.
D15
LSB
SDO
SCK
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D0
D1
24602 F04
t1
t3
tKQ
tlSCK
thSCK
t2
CS
MSB
SDI
EN2
SPD*
*SPD IS A DON’T CARE BIT FOR THE LTC2462
SLP
DON’T CARE
t5
t6
EN1
APPLICATIONS INFORMATION
Figure 4. Data Input/Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com