Electronic Components Datasheet Search
  English  ▼

X  

LTC2460CMS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2460CMS
Description  Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2460CMS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2460CMS Datasheet HTML 2Page - Linear Technology LTC2460CMS Datasheet HTML 3Page - Linear Technology LTC2460CMS Datasheet HTML 4Page - Linear Technology LTC2460CMS Datasheet HTML 5Page - Linear Technology LTC2460CMS Datasheet HTML 6Page - Linear Technology LTC2460CMS Datasheet HTML 7Page - Linear Technology LTC2460CMS Datasheet HTML 8Page - Linear Technology LTC2460CMS Datasheet HTML 9Page - Linear Technology LTC2460CMS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2460/LTC2462
6
24602f
PIN FUNCTIONS
REFOUT (Pin 1): Reference Output Pin. Nominally 1.25V,
this voltage sets the fullscale input range of the ADC. For
noise and reference stability connect to a 0.1μF capacitor
tied to GND. This capacitor value must be less than or
equal to the capacitor tied to the reference compensation
pin (COMP). REFOUT cannot be overdriven by an external
reference. For applications that require an input range
greater than 0V to 1.25V, please refer to the LTC2450/
LTC2452.
COMP (Pin 2): Internal Reference Compensation Pin. For
low noise and reference stability, tie a 0.1μF capacitor to
GND.
CS (Pin 3): Chip Select (Active LOW) Digital Input. A LOW
on this pin enables the SDO output. A HIGH on this pin
places the SDO output pin in a high impedance state and
any inputs on SDI and SCK will be ignored.
SDI (Pin 4): Serial Data Input Pin. This pin is used to
program the sleep mode and 30Hz/60Hz output rate
(LTC2460).
SCK (Pin 5): Serial Clock Input. SCK synchronizes the
serial data input/output. Once the conversion is complete,
a new data bit is produced at the SDO pin following each
SCK falling edge. Data is shifted into the SDI pin on each
rising edge of SCK.
SDO (Pin 6): Three-State Serial Data Output. SDO is used
for serial data output during the DATA INPUT/OUTPUT state
and can be used to monitor the conversion status.
GND (Pins 7, 11): Ground. Connect directly to the ground
plane through a low impedance connection.
REF– (Pin 8):
Negative Reference Input to the ADC. The
voltage on this pin sets the zero input to the ADC. This
pin should tie directly to ground or the ground sense of
the input sensor.
IN+ (LTC2462), IN (LTC2460) (Pin 9):
Positive input volt-
age for the LTC2462 differential device. ADC input for the
LTC2460 single-ended device.
IN– (LTC2462), GND (LTC2460) (Pin 10):
Negative input
voltage for the LTC2462 differential device. GND for the
LTC2460 single-ended device.
VCC (Pin 12): Positive Supply Voltage. Bypass to GND
with a 10μF capacitor in parallel with a low-series-induc-
tance 0.1μF capacitor located as close to the device as
possible.
Exposed Pad (Pin 13 – DFN Package): Ground. Connect
directly to the ground plane through a low impedance
connection.
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C, unless otherwise noted)
Power Supply Rejection
vs Frequency at VCC
Conversion Time vs Temperature
FREQUENCY AT VCC (Hz)
1
0
24602 G10
–20
–40
–60
–80
–100
–120
10
1k
10k
100k
1M
100
10M
TEMPERATURE (°C)
–50
21
24602 G11
20
16
17
18
19
15
14
–25
25
50
75
0
100
VCC = 5V, 4.1V, 3V
VREF vs VCC
2.0
3.5
2.5
4.0
3.0
5.0
5.5
4.5
6.0
VCC (V)
1.24892
1.24891
24602 G12
1.24884
1.24885
1.24886
1.24887
1.24888
1.24889
1.24890
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com