Electronic Components Datasheet Search
  English  ▼

X  

P70530 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # P70530
Description  Mid-Range Stepper/Servo Motion Controllers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

P70530 Datasheet(HTML) 1 Page - National Instruments Corporation

  P70530 Datasheet HTML 1Page - National Instruments Corporation P70530 Datasheet HTML 2Page - National Instruments Corporation P70530 Datasheet HTML 3Page - National Instruments Corporation P70530 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Mid-Range Stepper/Servo Motion Controllers
Overview and Applications
NI 734x motion controllers are for end users and machine builders who
need to develop powerful applications quickly and easily. With the
proper drive, you can use NI 734x motion controllers for stepper/servo
motor control and piezoelectric control. These controllers also have four
general-purpose analog inputs that you can use in simple application
monitoring or as feedback for closed-loop control.
Features
NI 734x controllers offer advanced features such as blended motion
trajectory control and fully coordinated circular, linear, point-to-point,
gearing, and vector-space control in either embedded motion operation
or host-centric programming environments. NI also provides contouring
capability for more complex moves. NI 734x controllers use a high-
performance motion controller architecture. The CPU and DSP components
operate together to optimize closed-loop control, automate systems control,
and implement motion command processing functions. The onboard CPU
uses an embedded real-time operating system that has event-driven
multitasking control. With this state-of-the-art approach, several motion
control programs and processes can operate simultaneously on the
controller, independently of the host PC and with no outside program
interaction unless the host program or user configuration initiates it.
Distributed Control with LabVIEW Real-Time
You can use the NI-Motion driver software with the NI LabVIEW Real-Time
Module. With this technology, you can create powerful, distributed
motion control systems using a PXI RT Series controller, the LabVIEW
Real-Time Module, and a PXI-734x motion controller. You can program
this type of system using LabVIEW on a separate computer. The main
advantages of a real-time system are high reliability and the capability
to create powerful distributed motion control solutions that connect to
the main PC using standard Ethernet.
• Up to 4 axes of motion
• Configurable stepper or servo control
• Up to 4 MHz stepper output rate
• 3D linear and circular interpolation
• 3D contouring
• 62 µs PID loop update rate
• Patented step generation technology
for smooth stepper motion
Operating Systems
• Windows Vista/XP/2000
• LabVIEW Real-Time
Recommended NI Software
• LabVIEW
• NI Motion Assistant
• LabWindows™/CVI
• Measurement Studio
Other Compatible Software
• Visual Basic
• C/C++
Driver Software (included)
• NI-Motion
NI 734x
Feature
NI 734x
Number of Axes
2, 4
PAC Platforms
PCI, CompactPCI/PXI
Linear, Circular, Spherical, and
Helical Interpolation; Blending

Trapezoidal, S-Curve Profiles

Closed-Loop Stepper Control

Contouring, Electronic Gearing, Onboard Programming

Sinusoidal Commutation for Brushless Servo Motors
–
Buffered Breakpoints, Buffered High-Speed Capture,
4 MHz Periodic Breakpoints
–
Number of Axes per 62.5 µs PID Rate
1
PWM Lines/DIO Lines/Analog Input Resolution
2/32/12-bit
Maximum Step Output Rate/Encoder Input Rate
4 MHz/20 MHz
Programming API
NI-Motion Driver
Software
NI Motion Assistant, NI LabVIEW,
C, Visual Basic


Similar Part No. - P70530

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
P70530 NI-P70530 Datasheet
209Kb / 5P
High-Performance Stepper/Servo Motion Controllers
More results

Similar Description - P70530

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI735X NI-NI735X Datasheet
209Kb / 5P
High-Performance Stepper/Servo Motion Controllers
NI7330 NI-NI7330 Datasheet
113Kb / 2P
Low-Cost Stepper Motion Controllers
logo
CUI INC
NEMA17-AMT112S CUI-NEMA17-AMT112S Datasheet
863Kb / 7P
STEPPER SERVO MOTOR
logo
Adlink Technology Inc.
PCIE-8158 ADLINK-PCIE-8158 Datasheet
171Kb / 2P
Advanced 8/4-axis Servo & Stepper Motion Controllers
PCI-8164 ADLINK-PCI-8164 Datasheet
494Kb / 1P
Advanced 4-axis Servo & Stepper Motion Controllers with High-Speed Triggering
PCI-8158 ADLINK-PCI-8158 Datasheet
361Kb / 2P
Advanced 8/4-axis Servo & Stepper Motion Controllers with Modular Design
PCI-8134A ADLINK-PCI-8134A Datasheet
613Kb / 1P
Entry-level 4-axis Servo & Stepper Motion Controller
PCI-8102 ADLINK-PCI-8102 Datasheet
448Kb / 1P
Advanced 2-axis Servo & Stepper Motion Controller
logo
CUI INC
NEMA11-AMT112S CUI-NEMA11-AMT112S_V01 Datasheet
762Kb / 6P
STEPPER SERVO MOTOR
02/20/2020
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
Economical Motion Controllers for Stepper Motors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com