Electronic Components Datasheet Search
  English  ▼

X  

P70530 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # P70530
Description  Mid-Range Stepper/Servo Motion Controllers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

P70530 Datasheet(HTML) 2 Page - National Instruments Corporation

  P70530 Datasheet HTML 1Page - National Instruments Corporation P70530 Datasheet HTML 2Page - National Instruments Corporation P70530 Datasheet HTML 3Page - National Instruments Corporation P70530 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Mid-Range Stepper/Servo Motion Controllers
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Port 4:bit 7
Digital Ground
Port 4:bit 4
Port 4:bit 3
Digital Ground
Port 4:bit 0
Port 3:bit 7
Digital Ground
Port 3:bit 4
Port 3:bit 3
Digital Ground
Port 3:bit 0
Port 2:bit 7
Port 2:bit 6
Digital Ground
Digital Ground
Digital Ground
Port 2:bit 1
Port 2:bit 0
Port 1:bit 7
Digital Ground
Port 1:bit 4
Port 1:bit 3
Digital Ground
Port 1:bit 0
PWM2
Reserved
Reserved
Reserved
PWM1
Reserved
Reserved
PCLK
+5 V
Digital Ground
Port 4:bit 5
Digital Ground
Port 4:bit 1
Digital Ground
Port 3:bit 6
Port 3:bit 5
Port 4:bit 6
Port 4:bit 2
Digital Ground
Port 3:bit 2
Port 3:bit 1
Digital Ground
Digital Ground
Port 2:bit 5
Port 2:bit 4
Port 2:bit 3
Port 2:bit 2
Digital Ground
Digital Ground
Port 1:bit 6
Port 1:bit 5
Digital Ground
Port 1:bit 2
Port 1:bit 1
Digital Ground
Digital Ground
Digital Ground
Reserved
Digital Ground
DPull
Digital Ground
Digital Ground
Digital Ground
135
236
337
438
539
640
741
842
943
10
44
1145
1246
1347
1448
1549
1650
1751
1852
19
53
20
54
21
55
22
56
23
57
24
58
25
59
26
60
27
61
28
62
29
63
30
64
31
65
32
66
33
67
34
68
Analog Reference (Output)
Analog Input 3
Analog Input 1
Analog Output Ground
Analog Output
Analog Output
Digital Ground
Breakpoint 3
Breakpoint 1
Digital Ground
Axis 4 Inhibit
Trigger 4
Axis 4 Home Switch
Digital Ground
Digital Ground
Axis 4 Dir (CCW)
Axis 3 Inhibit
Trigger 3
Axis 3 Home Switch
Digital Ground
Digital Ground
Axis 3 Dir (CCW)
Axis 2 Inhibit
Trigger 2
Axis 2 Home Switch
Digital Ground
Digital Ground
Axis 2 Dir (CCW)
Axis 1 Inhibit
Trigger 1
Axis 1 Home Switch
Digital Ground
Digital Ground
Axis 1 Dir (CCW)
1
35
2
36
3
37
4
38
5
39
6
40
7
41
8
42
9
43
1044
1145
1246
1347
1448
15
49
16
50
17
51
18
52
19
53
20
54
21
55
22
56
23
57
24
58
25
59
26
60
2761
2862
2963
30
64
31
65
32
66
33
67
34
68
Analog Input Ground
Analog Input 2
Reserved
Analog Output
Shutdown
Breakpoint 4
Breakpoint 2
Analog Input 4
Analog Output
Host +5 V
Axis 4 Reverse Limit Switch
Axis 4 Forward Limit Switch
Axis 4 Encoder Index
Axis 4 Encoder Phase B
Axis 4 Encoder Phase A
Axis 4 Step (CW)
Axis 3 Reverse Limit Switch
Axis 3 Forward Limit Switch
Axis 3 Encoder Index
Axis 3 Encoder Phase B
Axis 3 Encoder Phase A
Axis 3 Step (CW)
Axis 2 Reverse Limit Switch
Axis 2 Forward Limit Switch
Axis 2 Encoder Index
Axis 2 Encoder Phase B
Axis 2 Encoder Phase A
Axis 2 Step (CW)
Axis 1 Reverse Limit Switch
Axis 1 Forward Limit Switch
Axis 1 Encoder Index
Axis 1 Encoder Phase B
Axis 1 Encoder Phase A
Axis 1 Step (CW)
Motion I/O Connector
Digital I/O Connector
Ordering Information
NI PCI-7342 (2 axes) ..............................................................778916-02
NI PCI-7344 (4 axes) ..............................................................778916-04
NI PXI-7342 (2 axes) ..............................................................779036-02
NI PXI-7344 (4 axes) ..............................................................779036-04
Includes NI-Motion software libraries and examples.
Accessories
NI Motion Assistant ..............................................................778553-01
Wiring Interfaces
UMI-7764 ..........................................................................777978-02
UMI-7772 ..........................................................................778556-01
UMI-7774 ..........................................................................778558-01
Power Drives
NI MID-7604......................................................................777936-01
NI MID-7602......................................................................778003-01
NI MID-7654......................................................................778005-01
NI MID-7652......................................................................778004-01
P70530 ..............................................................................780097-01
P70360.. .............................................................................780098-01
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/info and
enter ni7340.
NI 7340 Connector Pinouts
(two 68-pin VHDCI connectors)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com