Electronic Components Datasheet Search
  English  ▼

X  

P70530 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # P70530
Description  Mid-Range Stepper/Servo Motion Controllers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

P70530 Datasheet(HTML) 3 Page - National Instruments Corporation

  P70530 Datasheet HTML 1Page - National Instruments Corporation P70530 Datasheet HTML 2Page - National Instruments Corporation P70530 Datasheet HTML 3Page - National Instruments Corporation P70530 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mid-Range Stepper/Servo Motion Controllers
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Specifications
Performance
PID update rate range.........................
62.5 to 500 µs/sample
Maximum PID update rate .............
62.5 µs/axis
4-axis PID update rate....................
250 µs total
Multiaxis synchronization ...................
<1 update sample
Trajectory parameters
Absolute position range .................
±231 counts
Maximum relative move size .........
±231 counts
S-curve time range .........................
1 to 32,767 samples
Following error range .....................
±32,767 counts
Velocity range .................................
Servo: 1 to ±20,000,000 counts/s
Velocity range .................................
Stepper: 1 to 4,000,000 steps/s
Acceleration/deceleration ..............
244 to 512,000,000 counts/s2 at
a PID rate of 250 µs
Gear ratio........................................
±32,767:1 to ±1:32,767
Servo-control loop modes...................
PID, PIVff, S-curve, dual loop
PID (Kp, Ki, and Kd) gains...............
0 to 32,767
Stepper outputs
Maximum pulse rate ......................
4 MHz (full, half, and microstep)
Minimum pulse width ....................
120 ns at >2 MHz
Step output mode ...........................
Step and direction or CW/CCW
Voltage range .................................
0 to 5 V
System Safety
Watchdog timer function....................
Resets board to startup state
Shutdown input...................................
Disable all axes and
command outputs
Motion I/O
Servo command analog outputs
Voltage range .................................
±10 V, 16 bits (0.000305 V/LSB)
Programmable torque (velocity) limits and
programmable offset..................
±10 V (-32,768 to +32,767)
Encoder inputs ....................................
Quadrature, incremental,
single-ended
Maximum count rate ......................
20 MHz
Forward, reverse, and home inputs
Number of inputs............................
12 (3 per axis)
Control ............................................
Individual enable/disable,
stop on input, prevent motion,
find reference
Trigger inputs ......................................
4 (one per axis)
Maximum repetitive capture rate ..
100 Hz
Breakpoint outputs..............................
4 (one per axis),
programmable polarity
Maximum repetitive rate................
100 Hz
Inhibit/enable output ..........................
4 (one per axis),
programmable polarity
Analog inputs ......................................
4, 12-bit resolution, ±10 V range,
25 µs scan rate/enabled channel
Analog outputs....................................
4, 16-bit resolution, ±10 V range
Digital I/O
Ports ....................................................
4, 8-bit TTL ports, bit
configurable, sink or source
24 mA outputs
Open-loop PWM outputs
Number of PWM outputs ...............
2, 50 kHz
Clock sources..................................
Internal or external
Power Requirements
PCI and PXI
+5 V (±3%) ......................................
1 A
+12 V (±3%) ....................................
30 mA
-12 V (±10%) ...................................
30 mA
Power consumption ........................
5.7 W, maximum
Physical
Dimensions (not including connectors)
PCI ...................................................
17.5 by 9.9 cm (6.9 by 3.9 in.)
PXI ...................................................
16 by 10 cm (6.3 by 3.9 in.)
Connectors
Motion I/O connector .....................
68-pin female high-density
VHDCI type
Digital I/O connector ......................
68-pin female high-density
VHDCI type
Environment
Operating temperature .......................
0 to 55 °C
Storage temperature...........................
-20 to 70 °C
Relative humidity range......................
10 to 90% (noncondensing)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com