Electronic Components Datasheet Search
  English  ▼

X  

M48T128V Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T128V
Description  5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128V Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T128V Datasheet HTML 3Page - STMicroelectronics M48T128V Datasheet HTML 4Page - STMicroelectronics M48T128V Datasheet HTML 5Page - STMicroelectronics M48T128V Datasheet HTML 6Page - STMicroelectronics M48T128V Datasheet HTML 7Page - STMicroelectronics M48T128V Datasheet HTML 8Page - STMicroelectronics M48T128V Datasheet HTML 9Page - STMicroelectronics M48T128V Datasheet HTML 10Page - STMicroelectronics M48T128V Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
M48T128Y, M48T128V
Operation modes
Doc ID 5746 Rev 6
7/23
2
Operation modes
Figure 3 on page 6 illustrates the static memory array and the quartz controlled clock
oscillator. The clock locations contain the year, month, date, day, hour, minute, and second
in 24 hour BCD format. Corrections for 28, 29 (leap year - valid until 2100), 30, and 31 day
months are made automatically. Byte 1FFF8h is the clock control register. This byte controls
user access to the clock information and also stores the clock calibration setting. The seven
clock bytes (1FFFFh - 1FFF8h) are not the actual clock counters, they are memory locations
consisting of BiPORT™ READ/WRITE memory cells within the static RAM array. The
M48T128Y/V includes a clock control circuit which updates the clock bytes with current
information once per second. The information can be accessed by the user in the same
manner as any other location in the static memory array. The M48T128Y/V also has its own
power-fail detect circuit. This control circuitry constantly monitors the supply voltage for an
out of tolerance condition. When VCC is out of tolerance, the circuit write protects the
TIMEKEEPER® register data and external SRAM, providing data security in the midst of
unpredictable system operation. As VCC falls below the battery backup switchover voltage
(VSO), the control circuitry automatically switches to the battery, maintaining data and clock
operation until valid power is restored.
Table 2.
Operating modes
Note:
X = VIH or VIL; VSO = battery backup switchover voltage.
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.5 to 5.5 V
or
3.0 to 3.6 V
VIH
X
X
High Z
Standby
WRITE
VIL
XVIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
(1)
1.
See Table 11 on page 18 for details.
X
X
X
High Z
CMOS standby
Deselect
≤ VSO(1)
X
X
X
High Z
Battery backup mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com