Electronic Components Datasheet Search
  English  ▼

X  

M48T128V Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48T128V
Description  5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T128V Datasheet HTML 6Page - STMicroelectronics M48T128V Datasheet HTML 7Page - STMicroelectronics M48T128V Datasheet HTML 8Page - STMicroelectronics M48T128V Datasheet HTML 9Page - STMicroelectronics M48T128V Datasheet HTML 10Page - STMicroelectronics M48T128V Datasheet HTML 11Page - STMicroelectronics M48T128V Datasheet HTML 12Page - STMicroelectronics M48T128V Datasheet HTML 13Page - STMicroelectronics M48T128V Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Operation modes
M48T128Y, M48T128V
10/23
Doc ID 5746 Rev 6
Table 4.
WRITE mode AC characteristics
2.3
Data retention mode
With valid VCC applied, the M48T128Y/V operates as a conventional BYTEWIDE™ static
RAM. Should the supply voltage decay, the RAM will automatically power-fail deselect, write
protecting itself when VCC falls within the VPFD (max), VPFD (min) window. All outputs
become high impedance, and all inputs are treated as “Don't care.”
Note:
A power failure during a WRITE cycle may corrupt data at the currently addressed location,
but does not jeopardize the rest of the RAM's content. At voltages below VPFD (min), the
user can be assured the memory will be in a write protected state, provided the VCC fall time
is not less than tF. The M48T128Y/V may respond to transient noise spikes on VCC that
reach into the deselect window during the time the device is sampling VCC. Therefore,
decoupling of the power supply lines is recommended.
When VCC drops below VSO, the control circuit switches power to the internal battery,
preserving data and powering the clock. The internal energy source will maintain data in the
M48T128Y/V for an accumulated period of at least 10 years at room temperature. As
system power rises above VSO, the battery is disconnected, and the power supply is
switched to external VCC. Deselect continues for tREC after VCC reaches VPFD (max).
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V (except where
noted).
M48T128Y
M48T128V
Unit
–70
–85
Min
Max
Min
Max
tAVAV
WRITE cycle time
70
85
ns
tAVWL
Address valid to WRITE enable low
0
0
ns
tAVEL
Address valid to chip enable low
0
0
ns
tWLWH
WRITE enable pulse width
50
60
ns
tELEH
Chip enable low to chip enable 1 high
55
65
ns
tWHAX
WRITE enable high to address transition
5
5
ns
tEHAX
Chip enable high to address transition
10
15
ns
tDVWH
Input valid to WRITE enable high
30
35
ns
tDVEH
Input valid to chip enable high
30
35
ns
tWHDX
WRITE enable high to input transition
5
5
ns
tEHDX
Chip enable high to input transition
10
15
ns
tWLQZ
(2)(3)
2.
CL = 5 pF.
3.
If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
WRITE enable low to output Hi-Z
25
30
ns
tAVWH
Address valid to WRITE enable high
60
70
ns
tAVEH
Address valid to chip enable high
60
70
ns
tWHQX
(2)(3)
WRITE enable high to output transition
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com