Electronic Components Datasheet Search
  English  ▼

X  

M48T128V Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T128V
Description  5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128V Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T128V Datasheet HTML 7Page - STMicroelectronics M48T128V Datasheet HTML 8Page - STMicroelectronics M48T128V Datasheet HTML 9Page - STMicroelectronics M48T128V Datasheet HTML 10Page - STMicroelectronics M48T128V Datasheet HTML 11Page - STMicroelectronics M48T128V Datasheet HTML 12Page - STMicroelectronics M48T128V Datasheet HTML 13Page - STMicroelectronics M48T128V Datasheet HTML 14Page - STMicroelectronics M48T128V Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
M48T128Y, M48T128V
Clock operations
Doc ID 5746 Rev 6
11/23
3
Clock operations
3.1
Reading the clock
Updates to the TIMEKEEPER® registers should be halted before clock data is read to
prevent reading data in transition. The BiPORT™ TIMEKEEPER cells in the RAM array are
only data registers and not the actual clock counters, so updating the registers can be halted
without disturbing the clock itself.
Updating is halted when a '1' is written to the READ bit, D6 in the control register (1FFF8h).
As long as a '1' remains in that position, updating is halted. After a halt is issued, the
registers reflect the count; that is, the day, date, and time that were current at the moment
the halt command was issued. All of the TIMEKEEPER registers are updated
simultaneously. A halt will not interrupt an update in progress. Updating is within a second
after the bit is reset to a '0.'
3.2
Setting the clock
Bit D7 of the control register (1FFF8h) is the WRITE bit. Setting the WRITE bit to a '1,' like
the READ bit, halts updates to the TIMEKEEPER registers. The user can then load them
with the correct day, date, and time data in 24-hour BCD format (see Table 5 on page 12).
Resetting the WRITE bit to a '0' then transfers the values of all time registers 1FFFFh-
1FFF9h to the actual TIMEKEEPER counters and allows normal operation to resume. After
the WRITE bit is reset, the next clock update will occur one second later.
3.3
Stopping and starting the oscillator
The oscillator may be stopped at any time. If the device is going to spend a significant
amount of time on the shelf, the oscillator can be turned off to minimize current drain on the
battery. The STOP bit is located at bit D7 within 1FFF9h. Setting it to a '1' stops the
oscillator. The M48T128Y/V is shipped from STMicroelectronics with the STOP bit set to a
'1.' When reset to a '0,' the M48T128Y/V oscillator starts after one second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com