Electronic Components Datasheet Search
  English  ▼

X  

FMD28-461 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # FMD28-461
Description  Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  FMD28-461 Datasheet HTML 1Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 2Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 3Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 4Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 5Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
pin out DoWn-leaDeD MoDel
pin out siDe-leaDeD MoDels
FIguRe 3: pIn Out FMd28-461
5
4
3
1
2
Squared corner and dot on top
of package indicate pin one.
BOTTOM VIEW
FMD28-461
See case J4 for dimensions.
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 3 of 8
FMD28-461 eMi input Filters
28 Volt input – 7 aMp
FMD28 Rev C - 20100226
Notes
1. All pins must be connected.
2. The baseplate is the only case ground connection and
should directly contact chassis ground.
pin
Designation
1
Positive Input
2
Positive Output
3
Output Common
4
Case Ground 1
5
Input Common
pin 1
Designation
1, 2, 3
Positive Input
4, 5, 6
Input Common
7, 8, 9
Output Common
10, 11, 12 Positive Output
—
Case Ground 2
Angled corner and cover marking indicate pin one.
TOP VIEW
FMD28-461
1
2
3
4
5
6
12
11
10
9
8
7
Outline shown is case U, pin out is the same
for all cases. See cases U, V, W, Y, and Z
for dimensions.
FIguRe 4: pIn Out FMd28-461sl
Note
1. Although the down-leaded packages can be
connected to chassis ground with the case
ground lead, direct contact of the base plate to
chassis improves EMI performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com