Electronic Components Datasheet Search
  English  ▼

X  

FMD28-461 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # FMD28-461
Description  Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  FMD28-461 Datasheet HTML 1Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 2Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 3Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 4Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 5Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MoDel nuMBering key
FMD 28 - 461 SL / ES
Base Model
Input Voltage
MIL-STD-461 Reference
Screening
Case/Lead Option*
(Standard screening has no designator
in this position.)
MoDel selection
On the lines belOw, enter One selectiOn frOm each categOry
tO determine the mOdel number
.
category
FMD28
-461
_______
/
______
Base MoDel anD
input Voltage
Mil-stD-461 reFerence
case/leaD
option 1
screening 2
selection
“FMD28” is the
only available
selection
“-461” is the only
available selection
Down-leaded
(leave blank)
standard (leave blank)
sl (case u,
side-leaded)
es
Notes:
1. Case J4 is the standard, down-leaded case. Leave the option blank for case J4. Refer to the case drawings on pages 6 and 7 for other case options.
2. Leave blank for standard screening. Use “ES” for “ES” screening. See the table on page 8 for more information.
*Case/Lead Option:
For drawings and dimensions see cases J4 (case option is
left blank) and U (case option is SL).
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 4 of 8
FMD28-461 eMi input Filters
28 Volt input – 7 aMp
FMD28 Rev C - 20100226



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com