Electronic Components Datasheet Search
  English  ▼

X  

FMD28-461 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # FMD28-461
Description  Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  FMD28-461 Datasheet HTML 1Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 2Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 3Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 4Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 5Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
The FMD28 Series™ EMI filters are specifically designed to
reduce the reflected input ripple current of Interpoint’s high
frequency DC/DC converters. FMD filters minimize electro-
magnetic interference (EMI) for the MOR, MFL, MTR, MHV,
MHF+, MHF, MTO and MHE Series of converters. These filters
are intended for use in 28 volt applications which must meet
MIL-STD-461C CE03 levels of conducted emissions. One filter
can be used with multiple converters up to the rated output
current of the filter.
Input RIpple and eMI
Switching DC/DC converters naturally generate two noise
components on the power input line: differential noise and
common mode noise. Input ripple current refers to both of these
components. Differential noise occurs between the positive input
and input common. Most Interpoint converters have an input filter
that reduces differential noise which is sufficient for many appli-
cations. Common mode noise occurs across stray capacitances
between the converter’s power train components and the base-
plate (bottom of the package) of the converter.
Where low noise currents are required to meet CE03 of
MIL-STD-461C a power line filters reduces the common mode
and differential noise generated by the converters. FMD28-
461 filters reduce input ripple current by as much as 50 dB
at 500 kHz when used in conjunction with Interpoint’s DC/DC
converters.
Place the filter as close as possible to the converter for optimum
performance. The baseplates of the filter and the converter
should be connected with the shortest and widest possible
conductors.
tRansIents
A transient of 100 V for up to 100 ms with a 0.5 ohm source
impedance will not damage the filter.
OpeRatIOn OveR teMpeRatuRe
The FMD28-461 Series filters are rated for full power opera-
tion from -55°C to +125°C case temperature. Current is derated
linearly to zero at +135°C case temperature.
InseRtIOn lOss
The maximum dc insertion loss at full load and nominal input
voltage represents a power loss of less than 1.3%.
packagIng
FMD28-461 filters are sealed in metal hermetic, down-leaded
packages (case J4). Also available in a side-leaded package
(case U).
Features
attenuation to 50 dB at 500 kHz
Operating temperature -55° to +125°C
•
Nominal 28 V input, 0 to 50 V operation
•
Transient rating to 100 V for 100 ms
•
Up to 7 A throughput current
•
Compliant to MIL-STD-461C, CE03
•
Compatible with MIL-STD-704 A-E 28 VDC power bus
•
Crane Aerospace & Electronics Power Solutions
FMD28-461 eMi input Filters
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com
Page 1 of 8
FMD28 Rev C - 20100226
28 Volt input – 7 aMp


Similar Part No. - FMD28-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
FMD28-461SL INTERPOINT-FMD28-461SL Datasheet
238Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
FMD28-461SL INTERPOINT-FMD28-461SL Datasheet
201Kb / 8P
EMI Input Filters 28 Volt input ??7 Amp
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
EMI Input Filters 28 Volt input ??7 Amp
More results

Similar Description - FMD28-461

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PDC-10-1 MINI-PDC-10-1 Datasheet
46Kb / 1P
6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
logo
LEM
LF310-S LEM-LF310-S Datasheet
1Mb / 7P
Bipolar and insulated current measurement up to 500 A
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
Attenuation: 1.0 dB steps to 15 dB
logo
Marki Microwave
BTN1-0050 MARKIMICROWAVE-BTN1-0050 Datasheet
686Kb / 4P
Broadband: 500 kHz to 50 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com