Electronic Components Datasheet Search
  English  ▼

X  

HR300 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # HR300
Description  ??0째 to 85째C operation Fixed frequency switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR300 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  HR300 Datasheet HTML 1Page - Interpoint Corporation Company HR300 Datasheet HTML 2Page - Interpoint Corporation Company HR300 Datasheet HTML 3Page - Interpoint Corporation Company HR300 Datasheet HTML 4Page - Interpoint Corporation Company HR300 Datasheet HTML 5Page - Interpoint Corporation Company HR300 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
typical characteristics
recommended operating conditions
absolute maximum ratings
input Voltage
•18to36VDC(19to36VDCHR301-2805)
output power
•30watts
Lead soldering temperature (10 sec per lead)
•300°C
storage temperature range (case)
•–55°Cto+125°C
output Voltage temperature coefficient
•100ppm/°Ctypical
input to output capacitance
•80pFtypicalsingleoutputmodels
•70pFtypicalHR302-2812
•60pFtypicalHR302-2815
current Limit
•125%offullload,typical
isolation
•100megohmminimumat500V
conversion Frequency
•240to300kHz
inhibit pin Voltage (unit enabled)
•11to16Vsingleoutputmodels
•8to12VHR302-2812
•10to14VHR302-2815
input Voltage range
•18to36VDCcontinuous
19to36VDCHR301-2805
•50Vfor50msectransient
case operating temperature (tc)
•–40°Cto+85°Cfullpower
derating output power/current
•Linearlyfrom100%at85°Cto0%at105°C
inhibit
inhibit ttL open collector
•Logiclow(outputdisabled)
Inhibitpincurrent1mAtypical
•Referencedtoinputcommon
•Logichigh(outputenabled)
Opencollector
electricalCharacteristics:25°CTc,28VDCVin,100%load,unlessotherwisespecified.
Notes
1.ForHR301-2805,withtheremotesensepinsconnectedtotheloadand
noresistancebetweentheoutputpinsandload.
2.Alowoutputimpedancepowersourceisrequiredontheinputtorealize
thisstart-uptime.Iflessthanfullsurgecurrentisavailable,start-uptime
willbelonger
caution
PermanentdamagetotheHR301-2805willresultifpin6isshortedtoground.Damagemayalsoresultifpin4orpin5isdisconnectedfromthe
loadduringoperationwiththeremotesenseleadsconnectedtotheload.Ifremotesensepinsarenotconnectedtotheload,theoutputvoltageof
theHR301-2805willrisetoapproximately6.2VDCmeasuredacrosspins4and5.
SInGLeOUTPUTmODeLS
HR301-2805
HR301-2812
HR301-2815
unitS
PaRameteR
conditionS
min
tyP
maX min tyP maX min
tyP
maX
outPut Voltage
4.95
5.0
5.05 11.88 12 12.12 14.85 15 15.15
VDC
outPut cuRRent
—
—
6.0 —
—
2.5 —
—
2.0
a
outPut PoweR
tc
= -40°c to +85°c —
—
30.0 —
—
30.0 —
—
30.0
W
outPut RiPPle
bw
≤ 2 MHz
—
30
60 —
30
70 —
30
75
mVp-p
line Regulation1
min to maX Vin
—
7
25 —
10
40 —
10
40
mV
load Regulation2
no load to full
—
5
25 —
10
40 —
10
40
mV
inPut Voltage
tc
= -40°c to +85°c
no load to full
19
28
36
—
—
50
18
28
36
—
—
50
18
28
36
—
—
50
VDC
tRanSient
50 ms
inPut cuRRent
no load
—
15
20
—
—
1370
—
—
15
—
20
35
—
—
1400
—
—
22
—
20
35
—
—
1400
—
—
22
ma
full load
inHibited
inPut RiPPle cuRRent
bw
≤ 2 MHz
—
5
15 —
10
25 —
10
25
mAp-p
efficiency
79
82
— 80
84
— 82
86
—
%
StaRt
-uP
delay2
—
15
—
—
500
—
—
30
—
—
1200
—
—
40
—
—
1500
—
ms
mV
oVeRSHoot
HR300
SeRIeS
30 Watt
dc/dc conVeRteRS
Page 2 of 6
HR300RevD-20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com