Electronic Components Datasheet Search
  English  ▼

X  

HR300 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # HR300
Description  ??0째 to 85째C operation Fixed frequency switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR300 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  HR300 Datasheet HTML 1Page - Interpoint Corporation Company HR300 Datasheet HTML 2Page - Interpoint Corporation Company HR300 Datasheet HTML 3Page - Interpoint Corporation Company HR300 Datasheet HTML 4Page - Interpoint Corporation Company HR300 Datasheet HTML 5Page - Interpoint Corporation Company HR300 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Size (max.): 2.720 x 1.350 x 0.505 inches (69.09 x 34.29 x 12.83 mm)
See case J5 for dimensions.
Weight:
60 grams max.
Screening: Standard only. See screening table for more information.
Features
• –40°to+85°Coperation
• 18to36VDCinput(19to36VDCinput
HR301-2805)
• 50Vfor50mstransientprotection
• Fullyisolated
• Fixedfrequencyswitching
• RemotesenseonHR301-2805model
• Inhibitfunction
• Indefiniteshortcircuitprotection
• Upto86%efficiency
description
HR300Series™DC/DCconverterscombinethesmallsizeandhigh
reliabilityofhybrid-basedcomponents,thehighefficiencyofswitching
regulators,andtheisolation,regulation,andlownoisecharacteristics
oflinearregulators.
Small Size and Reliability
HR300 DC/DC converters use thick-film hybrid manufacturing tech-
niques for smaller size, lighter weight and higher reliability than
converters produced with other circuit techniques. With a footprint
of less than 3.7 square inches and a 0.5 inch height, the HR300
convertersreachpowerdensitiesupto22wattspercubicinch.
TheHR300partsusethesamemanufacturingproceduresandquality
controlsthatInterpointappliestoconvertersbuiltforaerospaceand
militaryapplications.Theconvertersarehermeticallysealedinmetal
packagesthatareguaranteedamaximumleakrateoflessthan10-3
atm-cc/sec.
HigH PeRfoRmance
HR300convertersuseaconstantfrequencypulse-widthmodulated
switchingregulatordesignoperatingintheforwardmodewithaclock
switchingfrequencyof240to300kHz.Isolationisachievedthrough
theuseofatransformerintheforwardpowercircuitandanoptocou-
plerinthefeedbackcontrolloop.Thefullloadoutputpowerof30watts
isavailableovertheentire18to36VDCinputrange(19to36HR301-
2805).Ondualoutputmodels,upto90%offullpowerisavailablefrom
eitheroutputuptoacombinedtotalof30watts.
TheHR300’shighefficiencyismaintainedovertheentireinputvoltage
rangeandfromapproximately25%offullloadtofullload(seetypical
efficiencycurves).
Shortcircuitprotectionisprovidedthroughfoldbackcurrentlimiting.
Whentheoutputcurrentreachesapproximately125%ofthefullrated
load, the output voltage begins to reduce to protect the converter.
The converter can sustain a true short circuit condition indefinitely.
The HR300’s flanged case facilitates removal of heat and provides
formechanicallysecuremounting.Iffullpoweroperationorindefinite
shortcircuitprotectionisasystemrequirement,theHR300converter
should be mounted with an efficient heat sink in contact with the
mountingflange.
Internal filters in all HR300 converters provide low noise
on both the input and outputs. On HR301 models, two-section
L-Cfilterslimitoutputripplevoltageandreflectedinputripplecurrent.
OnHR302models,single-sectionL-Cfiltersperformthesamefunc-
tion.
For maximum output regulation, the HR301-2805 is provided with
external output voltage remote sense pins. Connecting the remote
sensepinstotheloadprovidesafour-terminalvoltagemodewhich
eliminates the adverse effects of line resistance voltage drops.
Remote sense pins may be left unconnected, but see cautions in
thisdatasheet.Fornormaloperation,remotesensepinsshouldbe
connectedtotherespectiveoutputpins.
inHibit function
Aninhibitisprovidedtoallowalogicinputtoshutdowntheconverter.
Anopencircuitontheinhibitpin(pin2or8)allowsnormaloperation.
Aconnectionbetweentheinhibitpinandtheinputcommon(pin10)
disablestheinternaloscillator,shuttingdowntheoutput.Theinhibitpin
hasanopencircuitvoltageof11to16Vonsingleoutputmodels,8
to12VonHR302-2812and10to14VonHR302-2815.Intheinhibit
mode,approximately1mAmustbesunkfromtheinhibitpin.Anactive
lowopencollectorisrequiredtoactivatetheinhibitfunction.
mODeLS
Vdc outPut
Single
5
12
15
dual
±12
±15
HR300
SeRIeS
30 Watt
dc/dc conVeRteRS
28 Volt inPut
NOT RECOMMENDED FOR NEW DESIGNS
Page 1 of 6
HR300RevD-20100212
CraneAerospace&electronics
electronicsGroup(InterpointBrand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com


Similar Part No. - HR300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HR30 VISHAY-HR30 Datasheet
70Kb / 2P
Ring Style High Voltage Capacitors
08-Feb-06
HR30 VISHAY-HR30 Datasheet
100Kb / 4P
High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
14-Sep-15
logo
Hirose Electric
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
Miniature Waterproof Plastic Connectors
HR30-6J-10P HIROSE-HR30-6J-10P Datasheet
866Kb / 10P
Miniature Waterproof Plastic Connectors
HR30-6J-10P HIROSE-HR30-6J-10P Datasheet
438Kb / 12P
Miniature Waterproof Plastic Connectors
More results

Similar Description - HR300

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
Fixed frequency operation
V48SC DELTA-V48SC Datasheet
1Mb / 17P
Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
Fixed frequency operation
E48SC12010 DELTA-E48SC12010 Datasheet
970Kb / 18P
Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com