Electronic Components Datasheet Search
  English  ▼

X  

HR300 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # HR300
Description  ??0째 to 85째C operation Fixed frequency switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR300 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  HR300 Datasheet HTML 1Page - Interpoint Corporation Company HR300 Datasheet HTML 2Page - Interpoint Corporation Company HR300 Datasheet HTML 3Page - Interpoint Corporation Company HR300 Datasheet HTML 4Page - Interpoint Corporation Company HR300 Datasheet HTML 5Page - Interpoint Corporation Company HR300 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TypicalPerformanceCurves:25°CTc
figuRe 5
Output Power (Watts)
HR302-2815 Efficiency
72
84
82
80
76
74
15
5
10
78
86
18 V
36 V
20
25
30
68
70
88
28 V
figuRe 7
Output Power (Watts)
HR302-2812 and HR302-2815
Low Line Dropout
15
17
15
5
10
16
20
25
30
14
18
HR302-2815
HR302-2812
Output Power (Watts)
HR301-2805 Efficiency
72
84
82
80
76
74
15
5
10
78
86
28 V
19 V
36 V
20
25
30
68
70
88
figuRe 2
Output Power (Watts)
HR301-2812 Efficiency
72
84
82
80
76
74
15
5
10
78
86
28 V
18 V
36 V
20
25
30
68
70
88
figuRe 3
Output Power (Watts)
HR301-2812 and HR301-2815
Low Line Dropout
15
17
15
5
10
16
20
25
30
14
18
HR301-2815
HR301-2812
figuRe 6
figuRe 4
Output Power (Watts)
HR302-2812 Efficiency
72
84
82
80
76
74
15
5
10
78
86
20
25
30
68
70
88
28 V
18 V
36 V
model numbering key
HR30
2 - 28 12
Base Model
Input Voltage
Output Voltage
Number of Outputs
(1 = single, 2 = dual)
HR300
SeRIeS
30 Watt
dc/dc conVeRteRS
Page 4 of 6
HR300RevD-20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com