Electronic Components Datasheet Search
  English  ▼

X  

T630W Datasheet(PDF) 1 Page - STMicroelectronics

Part # T630W
Description  6 A Snubberless??Triac
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T630W Datasheet(HTML) 1 Page - STMicroelectronics

  T630W Datasheet HTML 1Page - STMicroelectronics T630W Datasheet HTML 2Page - STMicroelectronics T630W Datasheet HTML 3Page - STMicroelectronics T630W Datasheet HTML 4Page - STMicroelectronics T630W Datasheet HTML 5Page - STMicroelectronics T630W Datasheet HTML 6Page - STMicroelectronics T630W Datasheet HTML 7Page - STMicroelectronics T630W Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 2010
Doc ID 3764 Rev 3
1/8
8
T630W
6 A Snubberless™ Triac
Features
■ IT(RMS) = 6 A
■ VDRM = VRRM = 600 and 800 V
Description
The high commutation performance of this device
is based on Snubberless technology from ST. The
T630W is especially suited for high inductance
loads. This device complies with UL standards
(Ref. E81734).
Table 1.
Device summary
Symbol
Value
Unit
IT(RMS)
6A
VDRM/VRRM
600 and 800
V
IGT
30
mA
A2
A1
G
G
A2
A1
ISOWATT220AB
(Plastic)
www.st.com


Similar Part No. - T630W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T630W STMICROELECTRONICS-T630W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
T630W STMICROELECTRONICS-T630W Datasheet
63Kb / 5P
6A SNUBBERLESTM TRIAC
Mar-2004
More results

Similar Description - T630W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T820-XXXW STMICROELECTRONICS-T820-XXXW Datasheet
108Kb / 5P
SNUBBERLESS TRIAC
Sep-2001
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
8 A Snubberless Triac
24-Sep-2012
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
6 A Snubberless™Triac
09-Feb-2010
T1635T-8I STMICROELECTRONICS-T1635T-8I Datasheet
186Kb / 10P
Snubberless 16 A Triac
25-Apr-2012
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
6 A Snubberless™ Triac
June 2010 Rev 2
T635T-8FP STMICROELECTRONICS-T635T-8FP Datasheet
276Kb / 9P
6 A Snubberless™ Triac
January 2015 Rev 2
T635T-8T STMICROELECTRONICS-T635T-8T Datasheet
272Kb / 9P
6 A Snubberless™ Triac
July 2014 Rev 3
T835T-8FP STMICROELECTRONICS-T835T-8FP Datasheet
274Kb / 9P
8 A Snubberless™ Triac
January 2015 Rev 2
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T4050-6PF STMICROELECTRONICS-T4050-6PF Datasheet
218Kb / 11P
40 A Snubberless™ Triac
DS12857 - Rev 1 - December 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com