Electronic Components Datasheet Search
  English  ▼

X  

IC-DI Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-DI
Description  DUAL SENSOR INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DI Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-DI Datasheet HTML 7Page - IC-Haus GmbH IC-DI Datasheet HTML 8Page - IC-Haus GmbH IC-DI Datasheet HTML 9Page - IC-Haus GmbH IC-DI Datasheet HTML 10Page - IC-Haus GmbH IC-DI Datasheet HTML 11Page - IC-Haus GmbH IC-DI Datasheet HTML 12Page - IC-Haus GmbH IC-DI Datasheet HTML 13Page - IC-Haus GmbH IC-DI Datasheet HTML 14Page - IC-Haus GmbH IC-DI Datasheet HTML 15Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
iC-DI
DUAL SENSOR INTERFACE
Rev C2, Page 13/15
DEMO BOARD
iC-DL comes with a demo board for test purposes. Figures 5 and 6 show both the schematic and the component
side of the demo board.
U1
VQ2
24
VBO
R5
C1
C3
8
4.7nF
1k
VN
VBR
23
100nF
R6
IN1
CHANNEL1
17
C6
VQ1
PRG1
QP2
4.7
R2
VHL
VHL
R4
8.2k
4.7
ISET
22
VCC3
CONVERTER
R7
iC-DI
R1
D1
6
=1
CFP
100nF
1uF
C9
NOVL
IN2
CFO
11
C2
BYS10-45
D4
D3
VN
PRG2
DCDC
18
OEN
QP1
VB
C8
CFO
4.7
IN1
VCC3
OEN
VNI
20
VHL
VCC
VH
2
VN
PRG1
1k
4
PRG2
VQ1
CFP
1
14
QN2
QN2
IN1
22nF
RD
VH
13
VCC
BAS16_02L
RD
BAS16_02L
OEN
22uH
QP2
R3
100nF
VCC
INV1
VNI
CFI_I
CFP
C5
1k
VQ2
21
BAS16_02L
D2
VB
R9
VCC3
QN1
VH
VNI
3
C4
NUVD
UVolt
22
PRG1
C7
NUVD
R8
22nF
19
9
4.7
7
ISET
NOVL
CFO
INV1
CFI
12
QN1
D5
PRG2
EPAD
VN
QP1
16
CFI
VBR
IN2
100nF
NOVL
L1
1uF
CFI
10
GND
BIAS
5
GND
IN2
VBR
CHANNEL2
LOAD
TEMP
INV1
D6
GND
NUVD
15
Figure 5: Schematic of the demo board
Figure 6: Demo board (component side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com