Electronic Components Datasheet Search
  English  ▼

X  

IC-DI Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-DI
Description  DUAL SENSOR INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DI Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-DI Datasheet HTML 1Page - IC-Haus GmbH IC-DI Datasheet HTML 2Page - IC-Haus GmbH IC-DI Datasheet HTML 3Page - IC-Haus GmbH IC-DI Datasheet HTML 4Page - IC-Haus GmbH IC-DI Datasheet HTML 5Page - IC-Haus GmbH IC-DI Datasheet HTML 6Page - IC-Haus GmbH IC-DI Datasheet HTML 7Page - IC-Haus GmbH IC-DI Datasheet HTML 8Page - IC-Haus GmbH IC-DI Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
iC-DI
DUAL SENSOR INTERFACE
Rev C2, Page 3/15
PACKAGES QFN24 4 mm x 4 mm to JEDEC Standard
PIN CONFIGURATION QFN24 4 mm x 4 mm
7
8
9
10
11
1
2
3
4
5
13
14
15
21
22
6
12
16
17
19
20
18
23
24
DI
code...
...
PIN FUNCTIONS
No. Name Function
1 ISET
Reference Current for current limitation
of driver outputs
2 INV1
Inverting Input Channel 1
3 IN1
Input Channel 1
PIN FUNCTIONS
No. Name
Function
4 QCFG1 Configuration Input Channel 1
5 QCFG2 Configuration Input Channel 2
6 IN2
Input Channel 2
7 OEN
Output Enable Input
8 NOVL
Overload Error Output
9 NUVD
Undervoltage Error Output
10 CFO
Output Feedback Channel
11 CFP
Configuration Input Feedback Channel
12 CFI
Input Feedback Channel
13 QP2
Output High Side Switch Channel 2
14 QN2
Output Low Side Switch Channel 2
15 VN
Reference Voltage Low Side Switch
16 QN1
Output Low Side Switch Channel 1
17 QP1
Output High Side Switch Channel 1
18 VBO
Reference Voltage High Side Switch
19 VBR
Power Supply switching converter and
linear regulators
20 VHL
Inductor Switching Converter
21 VH
Input Linear Regulators
22 VCC
5 V Sensor Supply
23 VCC3
3.3 V Sensor Supply
24 GND
Ground
Pins GND and VN must not be externally connected, otherwise with reverse bias intolerably high current
may flow!
The Thermal Pad is to be connected to a Ground Plane (VN) on the PCB.
Only pin 1 marking on top or bottom defines the package orientation (iC-DI label and coding is subject
to change).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com