Electronic Components Datasheet Search
  English  ▼

X  

IC-DI Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-DI
Description  DUAL SENSOR INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DI Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-DI Datasheet HTML 1Page - IC-Haus GmbH IC-DI Datasheet HTML 2Page - IC-Haus GmbH IC-DI Datasheet HTML 3Page - IC-Haus GmbH IC-DI Datasheet HTML 4Page - IC-Haus GmbH IC-DI Datasheet HTML 5Page - IC-Haus GmbH IC-DI Datasheet HTML 6Page - IC-Haus GmbH IC-DI Datasheet HTML 7Page - IC-Haus GmbH IC-DI Datasheet HTML 8Page - IC-Haus GmbH IC-DI Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
iC-DI
DUAL SENSOR INTERFACE
Rev C2, Page 2/15
DESCRIPTION
iC-DI is a monolithic interface iC with two inde-
pendent switching channels which enables digital
sensors to drive peripheral elements, such as pro-
grammable logic controllers (PLC) and relays, for ex-
ample.
The switches can be operated as push-pull, high-
side or low-side switches using inputs QCFG1 and
QCFG2 (open, high and low) and are enabled or dis-
abled via input OEN. They are designed to cope with
high driver currents of 100 mA (RSET = 8.2 kΩ), are
current limited and also short-circuit-proof in that they
shut down should excessive temperature or an over-
load occur. The output current limit can be set via an
external resistor at ISET.
The protective overload feature is included here as
an integrator so that capacitive loads with low repeat
rates can be switched without the protective circuitry
cutting in. In the event of excessive temperature an
error message is generated immediately.
Errors are signalled by two open-collector outputs:
NOVL (for excessive temperature and overloads) and
NUVD (for low voltage at VBR or voltages VCC and
VCC3, generated internally). The output switches
are shut down with all types of error.
To avoid errors occurring when the device is switched
on the outputs remain at high impedance for ca.
50 ms after the low voltage threshold has been ex-
ceeded.
Sensor interface iC-DI has an integrated switching
converter which generates voltages VCC (5 V) and
VCC3 (3.3 V) with the aid of two back-end series-
regulators. If only a low current is required inductor
LVH may be omitted; the series regulators are then
powered directly by VBR.
Input INV1 permits the input signal at channel 1 (IN1)
to be inverted.
The connected sensor can be parameterised using
the feedback channel with a high volt input (CFI →
CFO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com