Electronic Components Datasheet Search
  English  ▼

X  

IC-MB3 Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-MB3
Description  BiSS INTERFACE MASTER, 1-Chan./3-Slaves
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB3 Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-MB3 Datasheet HTML 7Page - IC-Haus GmbH IC-MB3 Datasheet HTML 8Page - IC-Haus GmbH IC-MB3 Datasheet HTML 9Page - IC-Haus GmbH IC-MB3 Datasheet HTML 10Page - IC-Haus GmbH IC-MB3 Datasheet HTML 11Page - IC-Haus GmbH IC-MB3 Datasheet HTML 12Page - IC-Haus GmbH IC-MB3 Datasheet HTML 13Page - IC-Haus GmbH IC-MB3 Datasheet HTML 14Page - IC-Haus GmbH IC-MB3 Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
iC-MB3
BiSS INTERFACE MASTER, 1-Chan./3-Slaves
Rev D1, Page 11/26
Figure 10: Timing diagram of SSI mode.
OPERATING REQUIREMENTS: BiSS Interface (SSI mode)
Operating conditions: Register bit SELSSI = 1;
VDD = 3 ... 5.5 V, Ta = -25 ... 85 °C; input levels lo = 0 ... 0.45 V, hi = 2.4 V ... VDD
Item
Symbol
Parameter
Conditions
Fig.
Unit
Min.
Max.
l80
TMAS
Clock Period
FreqSens über FREQ(4:0) selected in
accordance with table on page 17
10
2
320
1/f(CLK)
l81
tMASh
Clock Signal Hi Level Duration
10
50
%TMAS
l82
tMASl
Clock Signal Lo Level Duration
10
50
%TMAS
l83
tsDC
Setup Time:
SL1 stable before MA1 lo
6hi
10
30
ns
l83
thDC
Hold Time:
SL1 stable before MA1 lo
6hi
10
10
ns
Evaluating SL1 Signals
In BiSS interface SSI mode SL1 values are sampled with the rising edge at MA1. An overall delay of the sensor
response to the clock at MA1, caused by process times in the sensor or transmission times, is permissible up to
the length of one clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com