Electronic Components Datasheet Search
  English  ▼

X  

IC-MB3 Datasheet(PDF) 18 Page - IC-Haus GmbH

Part # IC-MB3
Description  BiSS INTERFACE MASTER, 1-Chan./3-Slaves
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB3 Datasheet(HTML) 18 Page - IC-Haus GmbH

Back Button IC-MB3 Datasheet HTML 14Page - IC-Haus GmbH IC-MB3 Datasheet HTML 15Page - IC-Haus GmbH IC-MB3 Datasheet HTML 16Page - IC-Haus GmbH IC-MB3 Datasheet HTML 17Page - IC-Haus GmbH IC-MB3 Datasheet HTML 18Page - IC-Haus GmbH IC-MB3 Datasheet HTML 19Page - IC-Haus GmbH IC-MB3 Datasheet HTML 20Page - IC-Haus GmbH IC-MB3 Datasheet HTML 21Page - IC-Haus GmbH IC-MB3 Datasheet HTML 22Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
iC-MB3
BiSS INTERFACE MASTER, 1-Chan./3-Slaves
Rev D1, Page 18/26
DATA STORAGE - Sensor Data
So that new sensor data can be read in during controller accesses iC-MB3 has dual memory banks for sensor
data. While sensor data is being read into the first RAM, from the second RAM section the controller can read out
the sensor data last read in. The relevant sensor data memory banks are swapped over at the end of the readin
procedure; this can be prevented by the controller entering the command register bit UCREADSENS. In parallel
with this the validity message register (address 241) and bit REG(address 248) are also swapped.
Arrangement of sensor data in the RAM
The sensor data memory bank has 8 bytes of memory for each slave which can be interpreted as 64 bits of
memory in the array xxxxx111b to xxxxx000b. The sensor data is written to memory area [SDLEN - 1:0] with
SDLEN marking the length of the relevant data. Should there be room in the available memory for the CRC bits,
these are then also stored with the above data at positions [63:63 - (CRCLEN-1)].
Example Slave 2: 20 bits of sensor data, 6 bits of CRC
=> total length of 26 bits
Adr. 07 ... 00:
Sensor data Slave 1
Adr. 15 ... 08:
Sensor data Slave 2 -
Adr. 15:
SensCRC(5:0), not defined, not defined
Adr. 14:
- not defined -
Adr. 13:
- not defined -
Adr. 12:
- not defined -
Adr. 11:
- not defined -
Adr. 10:
not defined, not defined, not defined, not defined, SensData(19:16)
Adr. 9:
SensData(15:8)
Adr. 8:
SensData(7:0)
Adr. 23 ... 16:
Sensor data Slave 3
...
DATA STORAGE - register data
For the interim storage of register information read out from or to be written to the slaves iC-MB3 has an individual
storage area (addresses 128 to 159) which can temporarily store up to 32 bytes of data. With just one single
command this is then transmitted to a slave selected using SLAVEID(2:0) or requested from it as register data.
The transmission of register data takes longer than that of sensor data so that the content of the sensor data RAM
is then often obsolete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com