Electronic Components Datasheet Search
  English  ▼

X  

IC-MB3 Datasheet(PDF) 16 Page - IC-Haus GmbH

Part # IC-MB3
Description  BiSS INTERFACE MASTER, 1-Chan./3-Slaves
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB3 Datasheet(HTML) 16 Page - IC-Haus GmbH

Back Button IC-MB3 Datasheet HTML 12Page - IC-Haus GmbH IC-MB3 Datasheet HTML 13Page - IC-Haus GmbH IC-MB3 Datasheet HTML 14Page - IC-Haus GmbH IC-MB3 Datasheet HTML 15Page - IC-Haus GmbH IC-MB3 Datasheet HTML 16Page - IC-Haus GmbH IC-MB3 Datasheet HTML 17Page - IC-Haus GmbH IC-MB3 Datasheet HTML 18Page - IC-Haus GmbH IC-MB3 Datasheet HTML 19Page - IC-Haus GmbH IC-MB3 Datasheet HTML 20Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
iC-MB3
BiSS INTERFACE MASTER, 1-Chan./3-Slaves
Rev D1, Page 16/26
Configuration Register Communication
Address
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
224
Not used
-
-
-
----
-
225
Not used
-
-
-
----
-
226
Start Address
WNR
REGADR(6:0)
227
Count Of Bytes
-
-
REGNUM(5)
REGNUM(4:0)
228
Channel Select
CHSEL(8:1)
229
SlaveID
-
REGVERS
SLAVEID(2:0)
-
-
-
Configuration Master
Address
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
230
Frequency Division
FREQ(7:0)
231
Not used
-
-
-
-
-
-
-
-
232
Frequency Division
AutoGetsens
FREQAGS(7:0)
233
Not used
-
-
-
-
-
-
-
-
Device ID
234
Revision
0
0
0
0
0
0
1
0
235
Type
1000 0011b
Configuration Channel
236
Slave Location
SLAVELOC(8:1)
237
Mode of Operation
SELSSI4
BiSSMOD4
SELSSI3
BiSSMOD3
SELSSI2
BiSSMOD2
SELSSI1
BiSSMOD1
238
Mode of Operation
SELSSI8
BiSSMOD8
SELSSI7
BiSSMOD7
SELSSI6
BiSSMOD6
SELSSI5
BiSSMOD5
239
Not used
-
-
--
--
-
-
Key to the configuration bits:
S
SELSSI:
Type of protocol: BiSS (0), SSI (1)
S
BiSSMOD:
BiSS protocol model: BiSS model A or B (0), BiSS-A/S (1)
Status Information and Command Register
Address
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
240
Status Information
nERR
nWDERR
d
nSENSERR
nREGERR
REGEND
d
EOT
241
Validity Messages
1,2)
SVALID4
d
SVALID3
d
SVALID2
d
SVALID1
d
242
Validity Messages
1,2)
SVALID8
d
SVALID7
d
SVALID6
d
SVALID5
d
243
Register
Messages
CDM
TIMEOUT
REG
2, 4)
REG-
BYTES(5)
REGBYTES(4:0)
244
Command
Register
BREAK
UCREAD-
SENS
SWRAM-
BANK
INIT
REGCMD
GETSENS0
GETSENS1
AGS
245
Control Flages
MAv0
MAf0
MAvS
MAfS
reserved
IDDQ
3)
IFTEST
3)
CLKENI
246
Not used
-
-
-
----
-
247
Not used
-
-
-
----
-
248
Channel Status
REG4
SL4
REG3
SL3
REG2
SL2
REG1
SL1
249
Channel Status
REG8
SL8
REG7
SL7
REG6
SL6
REG5
SL5
250...255
Not used
-
-
-
----
-
Reserved addresses for master devices featuring a higher slave or channel count, or more memory for register data.
1)
Any attempt to write to this register sets register values to 0.
2)
Two memory banks available.
3)
iC-Haus device test only, set to 0.
4)
For iC-MB3 the register bit REG is equal to REG1.
d
Bit not relevant (don’t care).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com