Electronic Components Datasheet Search
  English  ▼

X  

IC-MFN Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-MFN
Description  8-FOLD FAIL-SAFE N-FET DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MFN Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-MFN Datasheet HTML 5Page - IC-Haus GmbH IC-MFN Datasheet HTML 6Page - IC-Haus GmbH IC-MFN Datasheet HTML 7Page - IC-Haus GmbH IC-MFN Datasheet HTML 8Page - IC-Haus GmbH IC-MFN Datasheet HTML 9Page - IC-Haus GmbH IC-MFN Datasheet HTML 10Page - IC-Haus GmbH IC-MFN Datasheet HTML 11Page - IC-Haus GmbH IC-MFN Datasheet HTML 12Page - IC-Haus GmbH IC-MFN Datasheet HTML 13Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
iC-MFN
8-FOLD FAIL-SAFE N-FET DRIVER
Rev A2, Page 11/13
APPLICATION NOTES
Driving an N-channel MOSFET
One typical field of application for iC-MFN is in the op-
eration of N-FETs with microprocessor output signals,
as shown in Figure 8.
VB
VBR
VB
VB
3.3V
Microcontroller
RL
VD
IN8
IN3
IN4
IN5
IN6
IN7
EN5
EN10
ENFS
IN1
IN2
iC−MFN
OUT2
OUT1
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
NOK
GNDR
GND
Supply, Ground and
Temperature Monitor
Figure 8: Driving an N-channel MOSFET
Slowly switching of a transistor is done with a current
limited driver. Figure 9 shows the different phases of
a turn on process with resitive load. In Section t0 to
t1 the gate of the transistors is loaded to the threshold
voltage Vth(FET) and is a dead time. In section t1 to t2
the gate voltage keeps nearly constant (miller-plateau)
during the drain voltage slope. The slew rate depends
on the current of the driver and the gate-drain capaci-
tor of the transistor. In section t2 to t3 the gate voltage
reach the static value. The transistor thus goes low
ohmic and minimizes the power dissipation. The equa-
tions 1 to 4 are simplified and give an estimation of the
timing on the basis of data from the specifications of
the device iC-MFN and the used transistor. The turn off
looks similar to the turn on but with reverse run trough.
t
t
VD
V(OUTx)
VB
Vth(FET)
Vr()
t0
t1
t2
t3
Figure 9: On switching of a transistor
tt0..t1 [µs] = Ciss@(Vds = hi) ×
Vth(FET)
−Isc(OUTx)hi
(1)
tt1..t2 [µs] = Crss@(Vds = hi) ×
VB
−Isc(OUTx)hi
(2)
tt2..t3 [µs] = Ciss@(Vds = lo) ×
Vr
(OUTx) − Vth(FET)
−Isc(OUTx)hi
(3)
ton = tt0..t1 + tt1..t2 + tt2..t3
(4)
Ciss = Cgs + Cgd = voltage dependent gate-source and
gate-drain capacitor [nF]
Crss = Cgd = voltage dependent gate-drain capacitor
[nF]
Isc
(OUTx)lo = short circuit current lo at OUTx [mA]
tt0..t1 = dead time [µs]
tt1..t2 = slope time at drain (Miller-Plateau) [µs]
tt2..t3 = time to reach static gate voltage [µs]
ton = overall turn on time [µs]
VB
= power supply VB [V]
Vr
(OUTx) = configured static turn on voltage at OUTx
[V]
Vth(FET) = threshold of the transistor [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com