Electronic Components Datasheet Search
  English  ▼

X  

IC-MFN Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-MFN
Description  8-FOLD FAIL-SAFE N-FET DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MFN Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-MFN Datasheet HTML 5Page - IC-Haus GmbH IC-MFN Datasheet HTML 6Page - IC-Haus GmbH IC-MFN Datasheet HTML 7Page - IC-Haus GmbH IC-MFN Datasheet HTML 8Page - IC-Haus GmbH IC-MFN Datasheet HTML 9Page - IC-Haus GmbH IC-MFN Datasheet HTML 10Page - IC-Haus GmbH IC-MFN Datasheet HTML 11Page - IC-Haus GmbH IC-MFN Datasheet HTML 12Page - IC-Haus GmbH IC-MFN Datasheet HTML 13Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
iC-MFN
8-FOLD FAIL-SAFE N-FET DRIVER
Rev A2, Page 13/13
ORDERING INFORMATION
Type
Package
Order Designation
iC-MFN
QFN24 4 mm
iC-MFN QFN24
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (61 35) 92 92-0
Am Kuemmerling 18
Fax: +49 (61 35) 92 92-192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.de/support_distributors.php



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com