Electronic Components Datasheet Search
  English  ▼

X  

IC-MP Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-MP
Description  8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MP Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-MP Datasheet HTML 9Page - IC-Haus GmbH IC-MP Datasheet HTML 10Page - IC-Haus GmbH IC-MP Datasheet HTML 11Page - IC-Haus GmbH IC-MP Datasheet HTML 12Page - IC-Haus GmbH IC-MP Datasheet HTML 13Page - IC-Haus GmbH IC-MP Datasheet HTML 14Page - IC-Haus GmbH IC-MP Datasheet HTML 15Page - IC-Haus GmbH IC-MP Datasheet HTML 16Page - IC-Haus GmbH IC-MP Datasheet HTML 17Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
iC-MP 8-BIT HALL ANGLE ENCODER
WITH RATIOMETRIC OUTPUT
Rev B1, Page 13/22
Figure 13: Serial timing of Write ROM Mode
Figure 13 shows the serial timing of a Write ROM op-
eration (burning the Zener zap diodes). The bit stream
is described in Table 4. Each Zener zap diode can be
programmed once with a logic of ’1’. The default value
of the Zener zap diodes is a logic ’0’ (with the excep-
tion of ZTEST(1:0)). The resulting parameter (OFF-
SET, MODE and ENERR) are generated by an xor op-
eration of the three sets of bits (see Figure 15).
Figure 14: In-circuit programming
A 100 nF ceramic block capacitor must be placed on
the board directly between iC-MP’s VZAP and GND
pins. A 10 µF capacitor must also be present at the
end of the programming line as close to the connec-
tor as possible (see Figure 14). During programming,
up to 90 mA flow from pin VZAP to pin GND, making
it necessary to ensure proper PCB layout to minimize
voltage drops.
Figure 15: ROM construction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com