Electronic Components Datasheet Search
  English  ▼

X  

IC-MP Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-MP
Description  8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MP Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-MP Datasheet HTML 1Page - IC-Haus GmbH IC-MP Datasheet HTML 2Page - IC-Haus GmbH IC-MP Datasheet HTML 3Page - IC-Haus GmbH IC-MP Datasheet HTML 4Page - IC-Haus GmbH IC-MP Datasheet HTML 5Page - IC-Haus GmbH IC-MP Datasheet HTML 6Page - IC-Haus GmbH IC-MP Datasheet HTML 7Page - IC-Haus GmbH IC-MP Datasheet HTML 8Page - IC-Haus GmbH IC-MP Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
iC-MP 8-BIT HALL ANGLE ENCODER
WITH RATIOMETRIC OUTPUT
Rev B1, Page 4/22
PACKAGES
PIN CONFIGURATION DFN10
iC-MP
...
...yyww
6
9
7
8
10
5
2
4
3
1
PIN FUNCTIONS
No. Name Function
1 PSMI
Power Save Mode Input
2 GND
Ground
3 PSMO Power Save Mode Output
4 LAO
Linear Analog Output
5 MA
Serial Clock Input
6 SLO
Serial Data Output
7 SLI
Serial Data Input
8 VZAP Zapping Voltage Input
9 VDD
+5 V Supply Voltage
10 NERR Error Message Output (low active)
/ Serial ROM Data Output
TP
Thermal Pad
The thermal pad must be connected to ground potential on the PCB.
Orientation of the logo (
MP CODE ...) is subject to alteration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com