Electronic Components Datasheet Search
  English  ▼

X  

IC-MP Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-MP
Description  8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MP Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-MP Datasheet HTML 1Page - IC-Haus GmbH IC-MP Datasheet HTML 2Page - IC-Haus GmbH IC-MP Datasheet HTML 3Page - IC-Haus GmbH IC-MP Datasheet HTML 4Page - IC-Haus GmbH IC-MP Datasheet HTML 5Page - IC-Haus GmbH IC-MP Datasheet HTML 6Page - IC-Haus GmbH IC-MP Datasheet HTML 7Page - IC-Haus GmbH IC-MP Datasheet HTML 8Page - IC-Haus GmbH IC-MP Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
iC-MP 8-BIT HALL ANGLE ENCODER
WITH RATIOMETRIC OUTPUT
Rev B1, Page 2/22
DESCRIPTION
iC-MP consists of a quadruple Hall sensor array
which has been optimized for the magnetic mea-
surement of an axis angle. The array permits error-
tolerant adjustment of the magnet, reducing the time
and effort required assembly. The integrated signal
conditioning unit provides a differential sine/cosine
signal at its outputs. The sensor generates one sine
cycle per full rotation of the magnet, enabling the
angle to be clearly determined. At the same time
the internal amplitude control unit produces a regu-
lated output amplitude of 2 Vpp, regardless of vari-
ations in the magnetic field strength, supply voltage
and temperature. Furthermore, error signals are pro-
vided which report any magnet loss and an exces-
sively high RPM speed.
With the aid of the integrated 8-bit sine-to-digital
converter the axis angle is determined from the
sine/cosine signals. The absolute position angle is
output via the serial interface together with a bit indi-
cating an error. The maximum resolution of 8 bits is
maintained up to revolutions of 12,000 rpm.
The absolute angle is converted back to a linear ana-
log output voltage using the internal D/A converter.
The analog output voltage range can be programmed
to be either rail to rail or 10 % to 90 % of the supply
voltage. The angular range of the analog signal is
configurable to 90°, 180°, 270° or 360°.
iC-MP can be easily cascaded, enabling scanning of
multiple axes. In Fast Scanning Mode all devices
connected in a queue are read consecutively. In Slow
Scanning Mode (Power Save Mode) each individual
device is booted up before the serial data or analog
output voltage is put on the common bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com