Electronic Components Datasheet Search
  English  ▼

X  

AP2172A Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2172A
Description  1.0A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2172A Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2172A Datasheet HTML 2Page - Diodes Incorporated AP2172A Datasheet HTML 3Page - Diodes Incorporated AP2172A Datasheet HTML 4Page - Diodes Incorporated AP2172A Datasheet HTML 5Page - Diodes Incorporated AP2172A Datasheet HTML 6Page - Diodes Incorporated AP2172A Datasheet HTML 7Page - Diodes Incorporated AP2172A Datasheet HTML 8Page - Diodes Incorporated AP2172A Datasheet HTML 9Page - Diodes Incorporated AP2172A Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AP2162A/AP2172A
1.0A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2162A/2172A
Document number: DS32192 Rev. 2 - 2
6 of 17
www.diodes.com
October 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
Turn-On Delay and Rise Time
500us/div
Turn-Off Delay and Fall Time
500us/div
Short Circuit Current,
Device Enabled Into Short
500us/div
Inrush Current with
Different Load Capacitance
500us/div
2
Ω Load Connected to Enabled Device
2ms/div
1
Ω Load Connected to Enabled Device
2ms/div
Vout
2V/div
EN
5V/div
CL=100μF
TA=25°C
RL=5Ω
Vout
2V/div
EN
5V/div
CL=100μF
TA=25°C
RL=5Ω
Iin
500mA/div
Iin
500mA/div
Iout
500mA/div
EN
5V/div
VIN=5V
TA=25°C
CL=1μF
Iin
500mA/div
EN
5V/div
VIN=5V
TA=25°C
RL=5Ω
CL=470μF
CL=220μF
CL=100μF
VIN=5V
TA=25°C
CL=1μF
FLG
2V/div
Iout
1A/div
VIN=5V
TA=25°C
CL=1μF
FLG
2V/div
Iout
1A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com