Electronic Components Datasheet Search
  English  ▼

X  

AP2172A Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP2172A
Description  1.0A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2172A Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP2172A Datasheet HTML 9Page - Diodes Incorporated AP2172A Datasheet HTML 10Page - Diodes Incorporated AP2172A Datasheet HTML 11Page - Diodes Incorporated AP2172A Datasheet HTML 12Page - Diodes Incorporated AP2172A Datasheet HTML 13Page - Diodes Incorporated AP2172A Datasheet HTML 14Page - Diodes Incorporated AP2172A Datasheet HTML 15Page - Diodes Incorporated AP2172A Datasheet HTML 16Page - Diodes Incorporated AP2172A Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AP2162A/AP2172A
1.0A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2162A/2172A
Document number: DS32192 Rev. 2 - 2
15 of 17
www.diodes.com
October 2010
© Diodes Incorporated
Package Outline Dimensions (Continued)
(2) Package type: MSOP-8-EP
2.9/3.1
0.65Bsc.
0.22/0.38
0.05
0.4/0.8
0.95Ref.
Gauge plane
"A"
DETAIL "A"
1.65/1.95
EXPOSED PAD
(BOTTOM)
8x-0.45
6x-0.65
EXPOSED PAD
(BOTTOM)
1
1
1
Land Pattern Recommendation
(Unit:mm)
(3) Package type: DFN3030E-8
Bottom View
Side View
0.10 C
0.08 C
Seating Plane
C
2.95/3.05
(Pin #1 ID)
A
B
0.10
C AB
2X-
0.25 B
TOP MARK
0.65Typ. 0.20/0.30
8X-
R0.2
0
8X-
2.15/2.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com