Electronic Components Datasheet Search
  English  ▼

X  

AP2172A Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP2172A
Description  1.0A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2172A Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP2172A Datasheet HTML 7Page - Diodes Incorporated AP2172A Datasheet HTML 8Page - Diodes Incorporated AP2172A Datasheet HTML 9Page - Diodes Incorporated AP2172A Datasheet HTML 10Page - Diodes Incorporated AP2172A Datasheet HTML 11Page - Diodes Incorporated AP2172A Datasheet HTML 12Page - Diodes Incorporated AP2172A Datasheet HTML 13Page - Diodes Incorporated AP2172A Datasheet HTML 14Page - Diodes Incorporated AP2172A Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AP2162A/AP2172A
1.0A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2162A/2172A
Document number: DS32192 Rev. 2 - 2
11 of 17
www.diodes.com
October 2010
© Diodes Incorporated
Application Note
Power Supply Considerations
A 0.1
μF to 1μF X7R or X5R ceramic bypass capacitor between IN and GND, close to the device, is
recommended. Placing a high-value electrolytic capacitor on the input and output pin(s) is recommended when
the output load is heavy. This precaution reduces power-supply transients that may cause ringing on the input.
Additionally, bypassing the output with a 1
μF ceramic capacitor improves the immunity of the device to short-
circuit transients.
Over-current and Short Circuit Protection
An internal sensing FET is employed to check for over-current conditions. Unlike current-sense resistors, sense
FETs do not increase the series resistance of the current path. When an overcurrent condition is detected, the
device maintains a constant output current and reduces the output voltage accordingly. Complete shutdown
occurs only if the fault stays long enough to activate thermal limiting.
Three possible overload conditions can occur. In the first condition, the output has been shorted to GND before
the device is enabled or before VIN has been applied. The AP2162A/AP2172A senses the short circuit and
immediately clamps output current to a certain safe level namely ILIMIT.
In the second condition, an output short or an overload occurs while the device is enabled. At the instance the
overload occurs, higher inrush current may flow for a very short period of time before the current limit function can
react. The input capacitor(s) rapidly discharge through the device, activating current limit circuitry. Protection is
achieved by momentarily opening the P-MOS high-side power switch and then gradually turning it on. After the
current limit function has tripped (reached the over-current trip threshold), the device switches into current limiting
mode and the current is clamped at ILIMIT. The threshold for activating current limiting is 1.4A typical per channel.
In the third condition, the load has been gradually increased beyond the recommended operating current. The
current is permitted to rise until the current-limit threshold (ITRIG) is reached or until the thermal limit of the device is
exceeded. The AP2162A/AP2172A is capable of delivering current up to the current-limit threshold without
damaging the device. Once the threshold has been reached, the device switches into its current limiting mode and
is set at ILIMIT.
FLG Response
When an over-current or over-temperature shutdown condition is encountered, the FLG open-drain output goes
active low after a nominal 7-ms deglitch timeout. The FLG output remains low until both over-current and over-
temperature conditions are removed. Connecting a heavy capacitive load to the output of the device can cause a
momentary over-current condition, which does not trigger the FLG due to the 7-ms deglitch timeout. The
AP2162A/AP2172A is designed to eliminate false over-current reporting without the need of external components
to remove unwanted pulses.
Power Dissipation and Junction Temperature
The low on-resistance of the internal MOSFET allows the small surface-mount packages to pass large current.
Using the maximum operating ambient temperature (TA) and RDS(ON), the power dissipation can be calculated by:
PD = RDS(ON)× I
2
Finally, calculate the junction temperature:
TJ = PD x RθJA + TA
Where:
TA= Ambient temperature
°C
RθJA = Thermal resistance
PD = Total power dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com