Electronic Components Datasheet Search
  English  ▼

X  

MX802LH Datasheet(PDF) 13 Page - CML Microcircuits

Part # MX802LH
Description  DVSR CODEC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX802LH Datasheet(HTML) 13 Page - CML Microcircuits

Back Button MX802LH Datasheet HTML 9Page - CML Microcircuits MX802LH Datasheet HTML 10Page - CML Microcircuits MX802LH Datasheet HTML 11Page - CML Microcircuits MX802LH Datasheet HTML 12Page - CML Microcircuits MX802LH Datasheet HTML 13Page - CML Microcircuits MX802LH Datasheet HTML 14Page - CML Microcircuits MX802LH Datasheet HTML 15Page - CML Microcircuits MX802LH Datasheet HTML 16Page - CML Microcircuits MX802LH Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DVSR CODEC
13
MX802
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480033.008
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Setting
Function
Byte 1
First Byte for Transmission
MSB
Bit 7
Not used – Set to ‘0’
Bit 6
Direct Access
1
0
Encoder Data out to A0/ENO
Encoder Clock to A3/ECK
Decoder Input from A1/DEI
Decoder Clock from A2/DCK
Normal DVSR Operation
Bit 5
Play Counter
1
0
Decrement
Increment
Bit 4
DRAM Control
1
0
Disable DRAM
Enable DRAM
Bit 3
Codec Powersave
1
0
Powersave MX802
MX802 Enable
Bit 2
Store Command Interrupt
1
0
Enable Interrupt
Disable
Bit 1
Play Command Interrupt
1
0
Enable Interrupt
Disable
Bit 0
Power Reading Interrupt
1
0
Enable Interrupt
Disable
Setting
Function
Byte 0
Last Byte for Transmission
MSB
Bit 7
Bit 6
Store/Play Speech Sync.
0
0
1
1
0
1
0
1
No Sync
No Sync
Sync – Play after Store
Sync – Store after Play
Bit 5
Bit 4
Bit 3
Decoder Control
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Idle (32kbps); Aud O/P from LPF
Idle (32kbps); Aud bypass
Idle (32kbps); Aud O/P at high Z
On-Sampling Rate 16kbps
On-Sampling Rate 25kbps
On-Sampling Rate 32kbps
On-Sampling Rate 50kbps
On-Sampling Rate 64kbps
Bit 2
Bit 1
Bit 0
Encoder Control
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
I/P at VBIAS; F/Idle (32kbps)
I/P at high Z; F/Idle (32kbps)
I/P at high Z; F/Idle (64kbps)
On-Sampling Rate 16kbps
On-Sampling Rate 25kbps
On-Sampling Rate 32kbps
On-Sampling Rate 50kbps
On-Sampling Rate 64kbps
Table 6: Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com